Electronic Components Datasheet Search
  English  ▼

X  

AD9779A-EBZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD9779A-EBZ
Description  Dual, 12-/14-/16-Bit,1 GSPS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9779A-EBZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9779A-EBZ Datasheet HTML 19Page - Analog Devices AD9779A-EBZ Datasheet HTML 20Page - Analog Devices AD9779A-EBZ Datasheet HTML 21Page - Analog Devices AD9779A-EBZ Datasheet HTML 22Page - Analog Devices AD9779A-EBZ Datasheet HTML 23Page - Analog Devices AD9779A-EBZ Datasheet HTML 24Page - Analog Devices AD9779A-EBZ Datasheet HTML 25Page - Analog Devices AD9779A-EBZ Datasheet HTML 26Page - Analog Devices AD9779A-EBZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
AD9776A/AD9778A/AD9779A
Rev. B | Page 23 of 56
–90
0
250
FOUT (MHz)
–55
25
50
75
100
125
150
175
200
225
–60
–65
–70
–75
–80
–85
FIRST ADJACENT CHANNEL
SECOND ADJACENT
CHANNEL
THIRD ADJACENT
CHANNEL
Figure 48. AD9776A ACLR vs. fOUT,
fDATA = 122.88 MSPS, 4× Interpolation, fDAC/4 Modulation
SPAN 50MHz
SWEEP 162.2ms (601 pts)
VBW 300kHz
CENTER 143.88MHz
*RES BW 30kHz
RMS RESULTS
CARRIER POWER
–12.67dBm/
3.84000MHz
FREQ OFFSET
5.000MHz
10.00MHz
15.00MHz
REF BW
3.884MHz
3.840MHz
3.840MHz
dBc
–75.00
–78.05
–77.73
dBm
–87.67
–90.73
–90.41
LOWER
dBc
–75.30
–77.99
–77.50
dBm
–87.97
–90.66
–90.17
UPPER
REF –25.29dBm
*AVG
log
10dB
PAVG
10
W1 S2
*ATTEN 4dB
Figure 49. AD9776A Single Carrier W-CDMA,
4× Interpolation, fDATA = 122.88 MSPS, Amplitude = −3 dBFS
–150
–170
0
100
fOUT (MHz)
–154
–158
–162
–166
20
40
60
80
fDAC = 800MSPS
fDAC = 400MSPS
fDAC = 200MSPS
10
30
50
70
90
Figure 50. AD9776A Noise Spectral Density vs. fOUT,
Eight-Tone Input with 500 kHz Spacing, fDATA = 200 MSPS
–150
–170
0
100
fOUT (MHz)
–154
–158
–162
–166
20
40
60
80
fDAC = 800MSPS
fDAC = 400MSPS
fDAC = 200MSPS
10
30
50
70
90
Figure 51. AD9776A Noise Spectral Density vs. fOUT,
Single-Tone Input at −6 dBFS, fDATA = 200 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com