Electronic Components Datasheet Search
  English  ▼

X  

AD9779A-EBZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9779A-EBZ
Description  Dual, 12-/14-/16-Bit,1 GSPS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9779A-EBZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9779A-EBZ Datasheet HTML 25Page - Analog Devices AD9779A-EBZ Datasheet HTML 26Page - Analog Devices AD9779A-EBZ Datasheet HTML 27Page - Analog Devices AD9779A-EBZ Datasheet HTML 28Page - Analog Devices AD9779A-EBZ Datasheet HTML 29Page - Analog Devices AD9779A-EBZ Datasheet HTML 30Page - Analog Devices AD9779A-EBZ Datasheet HTML 31Page - Analog Devices AD9779A-EBZ Datasheet HTML 32Page - Analog Devices AD9779A-EBZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
AD9776A/AD9778A/AD9779A
Rev. B | Page 29 of 56
Table 14. 3-Wire Interface Register Description
Register
Address
Bits
Register Name
Parameter
Function
Default
Comm
0x00
7
SDIO bidirectional
0: use SDIO pin as input data only.
1: use SDIO as both input and output data.
0
0x00
6
LSB/MSB first
0: first bit of serial data is MSB of data byte.
1: first bit of serial data is LSB of data byte.
0
0x00
5
Software reset
Bit must be written with a 1 and then 0 to soft reset
the 3-wire interface register map.
0
0x00
4
Power-down mode
0: all circuitry is active.
1: disable all digital and analog circuitry, only
3-wire interface port is active.
0x00
3
Auto power-down enable
Controls auto power-down mode. See the Power-
Down and Sleep Modes section.
0
0x00
1
PLL lock indicator
(read only)
0: PLL is not locked.
1: PLL is locked.
Digital Control
0x01
7:6
Interpolation Factor[1:0]
00: 1× interpolation.
01: 2× interpolation.
10: 4× interpolation.
11: 8× interpolation.
00
0x01
5:2
Filter Modulation Mode[3:0]
See Table 19 for filter modes.
0000
0x01
1
DATACLK Delay[4]
Sets MSB of delay of REFCLK input to DATACLK
output.
0
0x01
0
Zero stuffing enable
0: zero stuffing off.
1: zero stuffing on.
0
0x02
7
Data format
0: twos compliment.
1: unsigned binary.
0
0x02
6
Single port
0: both P1D and P2D data ports enabled.
1: data for both DACs received on P1D data port.
0
0x02
5
Real mode
0: enable Q path for signal processing.
1: disable Q path data (internal Q channel clocks
disabled, I and Q modulators disabled).
0
0x02
4
DATACLK delay enable
Enables the DATACLK delay feature. More details
on this feature are shown in the Optimizing the
Data Input Timing section.
0x02
3
Inverse sinc enable
0: inverse sinc filter disabled.
1: inverse sinc filter enabled.
0
0x02
2
DATACLK invert
0: output DATACLK same phase as internal data
sampling clock, DCLK_SMP signal.
1: output DATACLK opposite phase as internal data
sampling clock, DCLK_SMP signal.
0
0x02
1
TxEnable invert
Inverts the polarity of Pin 39, the TXENABLE input
pin (also functions as IQSELECT).
0
0x02
0
Q first
0: in interleaved mode, the I data precedes the
Q data on the input port.
1: in interleaved mode, the Q data precedes the
I data on the input port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com