Electronic Components Datasheet Search
  English  ▼

X  

AD9779A-EBZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9779A-EBZ
Description  Dual, 12-/14-/16-Bit,1 GSPS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9779A-EBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9779A-EBZ Datasheet HTML 18Page - Analog Devices AD9779A-EBZ Datasheet HTML 19Page - Analog Devices AD9779A-EBZ Datasheet HTML 20Page - Analog Devices AD9779A-EBZ Datasheet HTML 21Page - Analog Devices AD9779A-EBZ Datasheet HTML 22Page - Analog Devices AD9779A-EBZ Datasheet HTML 23Page - Analog Devices AD9779A-EBZ Datasheet HTML 24Page - Analog Devices AD9779A-EBZ Datasheet HTML 25Page - Analog Devices AD9779A-EBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
AD9776A/AD9778A/AD9779A
Rev. B | Page 22 of 56
–150
–170
0
100
fOUT (MHz)
–154
–158
–162
–166
20
40
60
80
fDAC = 800MSPS
fDAC = 400MSPS
fDAC = 200MSPS
Figure 42. AD9778A Noise Spectral Density vs. fOUT
for Eight-Tone Input with 500 kHz Spacing, fDATA = 200 MSPS
–150
–170
0
100
fOUT (MHz)
–154
–158
–162
–166
20
40
60
80
fDAC = 800MSPS
fDAC = 400MSPS
fDAC = 200MSPS
Figure 43. AD9778A Noise Spectral Density vs. fOUT
with Single-Tone Input at −6 dBFS, fDATA = 200 MSPS
0.4
0
4096
CODE
–0.4
512
1024
2560
2048
1536
3072
3584
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
Figure 44. AD9776A Typical INL
0.20
0
4096
CODE
2048
–0.20
512
1024
1536
2560
3072
3584
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
Figure 45. AD9776A Typical DNL
100
50
0
400
fOUT (MHz)
40
80
120
160
200
240
280
320
360
4× 200MSPS
4× 100MSPS
4× 150MSPS
95
90
85
80
75
70
65
60
55
Figure 46. AD9776A IMD vs. fOUT,
4× Interpolation
100
50
0
100
fOUT (MHz)
90
80
70
60
20
40
60
80
fDATA = 250MSPS
fDATA = 200MSPS
fDATA = 160MSPS
Figure 47. AD9776A In-Band SFDR vs. fOUT,
2× Interpolation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com