Electronic Components Datasheet Search
  English  ▼

X  

MIC2104YML Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2104YML
Description  75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2104YML Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2104YML Datasheet HTML 4Page - Micrel Semiconductor MIC2104YML Datasheet HTML 5Page - Micrel Semiconductor MIC2104YML Datasheet HTML 6Page - Micrel Semiconductor MIC2104YML Datasheet HTML 7Page - Micrel Semiconductor MIC2104YML Datasheet HTML 8Page - Micrel Semiconductor MIC2104YML Datasheet HTML 9Page - Micrel Semiconductor MIC2104YML Datasheet HTML 10Page - Micrel Semiconductor MIC2104YML Datasheet HTML 11Page - Micrel Semiconductor MIC2104YML Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Micrel, Inc.
MIC2103/04
August 2012
8
M9999-080712-A
Typical Characteristics (Continued)
VIN Operating Supply Current
vs. Input Voltage (MIC2104)
0
10
20
30
40
50
10 15 20 25 30 35 40 45 50 55 60 65 70 75
INPUT VOLTAGE (V)
VOUT = 5V
IOUT = 0A
fSW = 200kHz
Feedback Voltage
vs. Input Voltage (MIC2104)
0.792
0.796
0.800
0.804
0.808
0.812
10 15 20 25 30 35 40 45 50 55 60 65 70 75
INPUT VOLTAGE (V)
VOUT = 5.0V
IOUT = 0A
fSW = 200kHz
Output Regulation
vs. Input Voltage (MIC2104)
-1.0%
-0.8%
-0.6%
-0.4%
-0.2%
0.0%
0.2%
0.4%
0.6%
0.8%
1.0%
10 15 20 25 30 35 40 45 50 55 60 65 70 75
INPUT VOLTAGE (V)
VOUT = 5.0V
IOUT = 0A to 10A
fSW = 200kHz
VIN Operating Supply Current
vs. Temperature (MIC2104)
0
4
8
12
16
20
24
28
32
36
40
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 48V
VOUT = 5.0V
IOUT = 0A
fSW = 200kHz
Load Regulation
vs. Temperature (MIC2104)
-0.3%
-0.2%
-0.1%
0.0%
0.1%
0.2%
0.3%
0.4%
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 48V
VOUT = 5.0V
IOUT = 0A to 10A
fSW = 200kHz
Line Regulation
vs. Temperature (MIC2104)
-1.8%
-1.6%
-1.4%
-1.2%
-1.0%
-0.8%
-0.6%
-0.4%
-0.2%
0.0%
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 12V to 75V
VOUT = 5.0V
IOUT = 0A
Feedback Voltage
vs. Output Current (MIC2104)
0.792
0.796
0.800
0.804
0.808
01
2345
678
9
10
OUTPUT CURRENT (A)
VIN = 48V
VOUT = 5.0V
fSW = 200kHz
Line Regulation
vs. Output Current (MIC2104)
-0.6%
-0.5%
-0.4%
-0.3%
-0.2%
-0.1%
0.0%
01
23
456
78
9
10
OUTPUT CURRENT (A)
VIN = 12V to 75V
VOUT = 5.0V
fSW = 200kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com