Electronic Components Datasheet Search
  English  ▼

X  

MIC2104YML Datasheet(PDF) 23 Page - Micrel Semiconductor

Part # MIC2104YML
Description  75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2104YML Datasheet(HTML) 23 Page - Micrel Semiconductor

Back Button MIC2104YML Datasheet HTML 19Page - Micrel Semiconductor MIC2104YML Datasheet HTML 20Page - Micrel Semiconductor MIC2104YML Datasheet HTML 21Page - Micrel Semiconductor MIC2104YML Datasheet HTML 22Page - Micrel Semiconductor MIC2104YML Datasheet HTML 23Page - Micrel Semiconductor MIC2104YML Datasheet HTML 24Page - Micrel Semiconductor MIC2104YML Datasheet HTML 25Page - Micrel Semiconductor MIC2104YML Datasheet HTML 26Page - Micrel Semiconductor MIC2104YML Datasheet HTML 27Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Micrel, Inc.
MIC2103/04
August 2012
23
M9999-080712-A
gate-drive current for the low-side MOSFET is more
accurately calculated using CISS at VDS = 0 instead of
gate charge.
For the low-side MOSFET:
SW
GS
ISS
side]
-
G[low
f
V
C
(avg)
I
(Eq. 6)
Since the current from the gate drive comes from the
VDD, the power dissipated in the MIC2103/04 due to gate
drive is:
(Eq. 7)
(avg))
I
(avg)
(I
V
P
side]
-
G[low
side]
G[high-
DD
GATEDRIVE
A convenient figure of merit for switching MOSFETs is
the on resistance multiplied by the total gate charge;
RDS(ON) × QG. Lower numbers translate into higher
efficiency. Low gate-charge logic-level MOSFETs are a
good choice for use with the MIC2103/04. Also, the
RDS(ON) of the low-side MOSFET will determine the
current-limit value. Please refer to “Current Limit”
subsection is Functional Description for more details.
Parameters that are important to MOSFET switch
selection are:
Voltage rating
On-resistance
Total gate charge
The voltage ratings for the high-side and low-side
MOSFETs are essentially equal to the power stage input
voltage VHSD. A safety factor of 20% should be added to
the VDS(max) of the MOSFETs to account for voltage
spikes due to circuit parasitic elements.
The power dissipated in the MOSFETs is the sum of the
conduction losses during the on-time (PCONDUCTION) and
the switching losses during the period of time when the
MOSFETs turn on and off (PAC).
AC
CONDUCTION
SW
P
P
P
(Eq. 8)
DS(ON)
2
SW(RMS)
CONDUCTION
R
I
P
(Eq. 9)
AC(on)
)
AC(off
AC
P
P
P
(Eq. 10)
where:
RDS(ON) = On-resistance of the MOSFET switch
D = Duty Cycle = VOUT / VHSD
Making the assumption that the turn-on and turn-off
transition times are equal; the transition times can be
approximated by:
G
HSD
OSS
IN
ISS
T
I
V
C
V
C
t
(Eq. 11)
where:
CISS and COSS are measured at VDS = 0
IG = Gate-drive current
The total high-side MOSFET switching loss is:
SW
T
PK
D
HSD
AC
f
t
I
)
V
(V
P
(Eq. 12)
where:
tT = Switching transition time
VD = Body diode drop (0.5V)
fSW = Switching Frequency
The high-side MOSFET switching losses increase with
the switching frequency and the input voltage VHSD. The
low-side MOSFET switching losses are negligible and
can be ignored for these calculations.
Inductor Selection
Values for inductance, peak, and RMS currents are
required to select the output inductor. The input and
output voltages and the inductance value determine the
peak-to-peak inductor ripple current. Generally, higher
inductance values are used with higher input voltages.
Larger peak-to-peak ripple currents will increase the
power dissipation in the inductor and MOSFETs. Larger
output ripple currents will also require more output
capacitance to smooth out the larger ripple current.
Smaller peak-to-peak ripple currents require a larger
inductance value and therefore a larger and more
expensive inductor.
A good compromise between size, loss and cost is to set
the inductor ripple current to be equal to 20% of the
maximum output current.
The inductance value is calculated by Equation 13:
OUT(max)
sw
IN(max)
OUT
IN(max)
OUT
I
20%
f
V
)
V
(V
V
L
(Eq. 13)
where:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com