Electronic Components Datasheet Search
  English  ▼

X  

MIC2104YML Datasheet(PDF) 19 Page - Micrel Semiconductor

Part # MIC2104YML
Description  75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2104YML Datasheet(HTML) 19 Page - Micrel Semiconductor

Back Button MIC2104YML Datasheet HTML 15Page - Micrel Semiconductor MIC2104YML Datasheet HTML 16Page - Micrel Semiconductor MIC2104YML Datasheet HTML 17Page - Micrel Semiconductor MIC2104YML Datasheet HTML 18Page - Micrel Semiconductor MIC2104YML Datasheet HTML 19Page - Micrel Semiconductor MIC2104YML Datasheet HTML 20Page - Micrel Semiconductor MIC2104YML Datasheet HTML 21Page - Micrel Semiconductor MIC2104YML Datasheet HTML 22Page - Micrel Semiconductor MIC2104YML Datasheet HTML 23Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Micrel, Inc.
MIC2103/04
August 2012
19
M9999-080712-A
Figure 3a shows the operation of the MIC2103/04 during
a load transient. The output voltage drops due to the
sudden load increase, which causes the VFB to be less
than VREF. This will cause the error comparator to trigger
an ON-time period. At the end of the ON-time period, a
minimum OFF-time tOFF(min) is generated to charge CBST
since the feedback voltage is still below VREF. Then, the
next ON-time period is triggered due to the low feedback
voltage. Therefore, the switching frequency changes
during the load transient, but returns to the nominal fixed
frequency once the output has stabilized at the new load
current level. With the varying duty cycle and switching
frequency, the output recovery time is fast and the
output voltage deviation is small in MIC2103/04
converter.
Figure 3a. MIC2103/04 Load Transient Response
Unlike true current-mode control, the MIC2103/04 uses
the output voltage ripple to trigger an ON-time period.
The output voltage ripple is proportional to the inductor
current ripple if the ESR of the output capacitor is large
enough.
In order to meet the stability requirements, the
MIC2103/04 feedback voltage ripple should be in phase
with the inductor current ripple and are large enough to
be sensed by the gm amplifier and the error comparator.
The
recommended
feedback
voltage
ripple
is
20mV~100mV over full input voltage range. If a low ESR
output capacitor is selected, then the feedback voltage
ripple may be too small to be sensed by the gm amplifier
and the error comparator. Also, the output voltage ripple
and the feedback voltage ripple are not necessarily in
phase with the inductor current ripple if the ESR of the
output capacitor is very low. In these cases, ripple
injection is required to ensure proper operation. Please
refer to “Ripple Injection” subsection in Application
Information
for more details about the ripple injection
technique.
Discontinuous Mode (MIC2103 only)
In continuous mode, the inductor current is always
greater than zero; however, at light loads, the MIC2103
is able to force the inductor current to operate in
discontinuous mode. Discontinuous mode is where the
inductor current falls to zero, as indicated by trace (IL)
shown in Figure 3b. During this period, the efficiency is
optimized by shutting down all the non-essential circuits
and minimizing the supply current. The MIC2103 wakes
up and turns on the high-side MOSFET when the
feedback voltage VFB drops below 0.8V.
The MIC2103 has a zero crossing comparator (ZC
Detection) that monitors the inductor current by sensing
the voltage drop across the low-side MOSFET during its
ON-time. If the VFB > 0.8V and the inductor current goes
slightly negative, then the MIC2103 automatically
powers down most of the IC circuitry and goes into a
low-power mode.
Once the MIC2103 goes into discontinuous mode, both
LSD and HSD are low, which turns off the high-side and
low-side MOSFETs. The load current is supplied by the
output capacitors and VOUT drops. If the drop of VOUT
causes VFB to go below VREF, then all the circuits will
wake up into normal continuous mode. First, the bias
currents
of
most
circuits
reduced
during
the
discontinuous mode are restored, then a tON pulse is
triggered before the drivers are turned on to avoid any
possible glitches. Finally, the high-side driver is turned
on. Figure 3b shows the control loop timing in
discontinuous mode.
Figure 3b. MIC2103 Control Loop Timing
(Discontinuous Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com