Electronic Components Datasheet Search
  English  ▼

X  

MIC2104YML Datasheet(PDF) 27 Page - Micrel Semiconductor

Part # MIC2104YML
Description  75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2104YML Datasheet(HTML) 27 Page - Micrel Semiconductor

Back Button MIC2104YML Datasheet HTML 23Page - Micrel Semiconductor MIC2104YML Datasheet HTML 24Page - Micrel Semiconductor MIC2104YML Datasheet HTML 25Page - Micrel Semiconductor MIC2104YML Datasheet HTML 26Page - Micrel Semiconductor MIC2104YML Datasheet HTML 27Page - Micrel Semiconductor MIC2104YML Datasheet HTML 28Page - Micrel Semiconductor MIC2104YML Datasheet HTML 29Page - Micrel Semiconductor MIC2104YML Datasheet HTML 30Page - Micrel Semiconductor MIC2104YML Datasheet HTML 31Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Micrel, Inc.
MIC2103/04
August 2012
27
M9999-080712-A
PCB Layout Guidelines
Warning: To minimize EMI and output noise, follow
these layout recommendations.
PCB Layout is critical to achieve reliable, stable and
efficient performance. A ground plane is required to
control EMI and minimize the inductance in power,
signal and return paths.
The following guidelines should be followed to insure
proper operation of the MIC2103 converter.
IC
The 1µF ceramic capacitors, which are connected to
the VDD and PVDD pins, must be located right at
the IC. The VDD pin is very noise sensitive and
placement of the capacitor is very critical. Use wide
traces to connect to the VDD and PGND pins.
The signal ground pin (GND) must be connected
directly to the ground planes. Do not route the GND
pin to the PGND pin on the top layer.
Place the IC close to the point of load (POL).
Use fat traces to route the input and output power
lines.
Signal and power grounds should be kept separate
and connected at only one location.
Input Capacitor
Place the input capacitor next.
Place the input capacitors on the same side of the
board and as close to the MOSFETs as possible.
Place several vias to the ground plane close to the
input capacitor ground terminal.
Use either X7R or X5R dielectric input capacitors.
Do not use Y5V or Z5U type capacitors.
Do not replace the ceramic input capacitor with any
other type of capacitor. Any type of capacitor can be
placed in parallel with the input capacitor.
If a Tantalum input capacitor is placed in parallel
with the input capacitor, it must be recommended for
switching regulator applications and the operating
voltage must be derated by 50%.
In “Hot-Plug” applications, a Tantalum or Electrolytic
bypass capacitor must be used to limit the over-
voltage spike seen on the input supply with power is
suddenly applied.
RC Snubber
Place the RC snubber on the same side of the board
and as close to the SW pin as possible.
Inductor
Keep the inductor connection to the switch node
(SW) short.
Do not route any digital lines underneath or close to
the inductor.
Keep the switch node (SW) away from the feedback
(FB) pin.
The SW pin should be connected directly to the
drain of the low-side MOSFET to accurate sense the
voltage across the low-side MOSFET.
To minimize noise, place a ground plane underneath
the inductor.
Output Capacitor
Use a wide trace to connect the output capacitor
ground terminal to the input capacitor ground
terminal.
Phase margin will change as the output capacitor
value and ESR changes. Contact the factory if the
output capacitor is different from what is shown in
the BOM.
The feedback trace should be separate from the
power trace and connected as close as possible to
the output capacitor. Sensing a long high-current
load trace can degrade the DC load regulation.
MOSFETs
Low-side MOSFET gate drive trace (DL pin to
MOSFET gate pin) must be short and routed over a
ground plane. The ground plane should be the
connection between the MOSFET source and
PGND.
Chose a low-side MOSFET with a high CGS/CGD ratio
and a low internal gate resistance to minimize the
effect of dv/dt inducted turn-on.
Do not put a resistor between the Low-side
MOSFET gate drive output and the gate.
Use a 4.5V VGS rated MOSFET. Its higher gate
threshold voltage is more immune to glitches than a
2.5V or 3.3V rated MOSFET. MOSFETs that are
rated for operation at less than 4.5V VGS should not
be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com