Electronic Components Datasheet Search
  English  ▼

X  

MIC2104YML Datasheet(PDF) 20 Page - Micrel Semiconductor

Part # MIC2104YML
Description  75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2104YML Datasheet(HTML) 20 Page - Micrel Semiconductor

Back Button MIC2104YML Datasheet HTML 16Page - Micrel Semiconductor MIC2104YML Datasheet HTML 17Page - Micrel Semiconductor MIC2104YML Datasheet HTML 18Page - Micrel Semiconductor MIC2104YML Datasheet HTML 19Page - Micrel Semiconductor MIC2104YML Datasheet HTML 20Page - Micrel Semiconductor MIC2104YML Datasheet HTML 21Page - Micrel Semiconductor MIC2104YML Datasheet HTML 22Page - Micrel Semiconductor MIC2104YML Datasheet HTML 23Page - Micrel Semiconductor MIC2104YML Datasheet HTML 24Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Micrel, Inc.
MIC2103/04
August 2012
20
M9999-080712-A
During discontinuous mode, the bias current of most
circuits are reduced. As a result, the total power supply
current during discontinuous mode is only about 400μA,
allowing the MIC2103 to achieve high efficiency in light
load applications.
Soft-Start
Soft-start reduces the power supply input surge current
at startup by controlling the output voltage rise time. The
input surge appears while the output capacitor is
charged up. A slower output rise time will draw a lower
input surge current.
The MIC2103/04 implements an internal digital soft-start
by making the 0.8V reference voltage VREF ramp from 0
to 100% in about 6ms with 9.7mV steps. Therefore, the
output voltage is controlled to increase slowly by a stair-
case VFB ramp. Once the soft-start cycle ends, the
related
circuitry
is
disabled
to
reduce
current
consumption. VDD must be powered up at the same time
or after VIN to make the soft-start function correctly.
Current Limit
The MIC2103/04 uses the RDS(ON) and external resistor
connected from ILIM pin to SW node to decide the
current limit.
Figure 4. MIC2103/04 Current Limiting Circuit
In each switching cycle of the MIC2103/04 converter, the
inductor current is sensed by monitoring the low-side
MOSFET in the OFF period. The sensed voltage V(ILIM)
is compared with the power ground (PGND) after a
blanking time of 150nS. In this way the drop voltage over
the resistor RCL (VCL) is compared with the drop over the
bottom FET generating the short current limit. The small
capacitor (CCL) connected from ILIM pin to PGND filters
the switching node ringing during the off time allowing a
better short limit measurement. The time constant
created by RCL and CCL should be much less than the
minimum off time.
The VCL drop allows programming of short limit through
the value of the resistor (RCL), If the absolute value of the
voltage drop on the bottom FET is greater than VCL’ in
that case the V(ILIM) is lower than PGND and a short
circuit event is triggered. A hiccup cycle to treat the short
event is generated. The hiccup sequence including the
soft start reduces the stress on the switching FETs and
protects the load and supply for severe short conditions.
The short circuit current limit can be programmed by
using the following formula.
CL
CL
ON
DS
PP
CLIM
I
V
R
I
)
(
)
5
.
0
(
CL
R
(Eq. 3)
Where ISH = Desired Current limit
ΔPP = Inductor current peak to peak
RDS (ON) = On resistance of low-side power MOSFET
VCL = Current limit threshold, the typical value is 14mV in
EC table
ICL = Current Limit source current, the typical value is
80µA in EC table.
In case of hard short, the short limit is folded down to
allow an indefinite hard short on the output without any
destructive effect. It is mandatory to make sure that the
inductor current used to charge the output capacitance
during soft start is under the folded short limit, otherwise
the supply will go in hiccup mode and may not be
finishing the soft start successfully.
The MOSFET RDS(ON) varies 30 to 40% with temperature;
therefore, it is recommended to add a 50% margin to ICL
in the above equation to avoid false current limiting due
to increased MOSFET junction temperature rise. It is
also recommended to connect SW pin directly to the
drain of the low-side MOSFET to accurately sense the
MOSFETs RDS(ON).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com