Electronic Components Datasheet Search
  English  ▼

X  

MIC2104YML Datasheet(PDF) 29 Page - Micrel Semiconductor

Part # MIC2104YML
Description  75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2104YML Datasheet(HTML) 29 Page - Micrel Semiconductor

Back Button MIC2104YML Datasheet HTML 25Page - Micrel Semiconductor MIC2104YML Datasheet HTML 26Page - Micrel Semiconductor MIC2104YML Datasheet HTML 27Page - Micrel Semiconductor MIC2104YML Datasheet HTML 28Page - Micrel Semiconductor MIC2104YML Datasheet HTML 29Page - Micrel Semiconductor MIC2104YML Datasheet HTML 30Page - Micrel Semiconductor MIC2104YML Datasheet HTML 31Page - Micrel Semiconductor MIC2104YML Datasheet HTML 32Page - Micrel Semiconductor MIC2104YML Datasheet HTML 33Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Micrel, Inc.
MIC2103/04
August 2012
29
M9999-080712-A
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty
C1
EEU-FC2A101
Panasonic
(1)
100µF Aluminum Capacitor, 100V
1
GRM32ER72A225K
Murata
(2)
C3225X7R2A225K
TDK
(3)
C2, C3, C4
12101C225KAT2A
AVX
(4)
2.2µF/100V Ceramic Capacitor, X7R, Size 1210
3
GRM32ER60J107ME20L
Murata
12106D107MAT2A
AVX
C14
C3225X5ROJ107M
TDK
100µF/6.3V Ceramic Capacitor, X5R, Size 1210
1
GRM188R71H104KA93D
Murata
06035C104KAT2A
AVX
C6, C16
C1608X7R1H104K
TDK
0.1µF/50V Ceramic Capacitor, X7R, Size 0603
2
GRM188R70J105KA01D
Murata
06036C105KAT2A
AVX
C7, C8, C17
C1608X5R0J105K
TDK
1µF/6.3V Ceramic Capacitor, X7R, Size 0603
3
GRM21BR72A474KA73
Murata
C9
08051C474KAT2A
AVX
0.47µF/100V Ceramic Capacitor, X7R, Size 0805
1
GRM188R72A104KA35D
Murata
0.1µF/100V Ceramic Capacitor, X7R, Size 0603
C10
C1608X7S2A104K
TDK
0.1µF/100V,X7S,0603
1
GRM188R72A102KA01D
Murata
06031C102KAT2A
AVX
C11
C1608X7R2A102K
TDK
1nF/100V Cermiac Capacitor, X7R, Size 0603
1
GRM188R72A222KA01D
Murata
06031C222KAT2A
AVX
C12
C1608X7R2A222K
TDK
2.2nF/100V Cermiac Capacitor, X7R, Size 0603
1
6SEPC470MX
Sanyo
(5)
470µF/6.3V, 7m-ohms, OSCON
C13
6SEPC470M
Sanyo
470µF/6.3V, 7m-ohms, OSCON
1
C15 (OPEN)
6TPB470M
Sanyo
470µF/6.3V, POSCAP
C5 (OPEN)
GRM32ER60J107ME20L
Murata
100µF/6.3V Ceramic Capacitor, X7R, Size 1210
GCM1885C2A100JA16D
Murata
C18
06031A100JAT2A
AVX
10pF, 100V, 0603, NPO
1
D1
BAT46W-TP
MCC
(6)
100V Small Signal Schottky Diode, SOD123
1
L1
CDEP147NP-6R1MC-95
Sumida
(7)
6.1µH Inductor, 14.8A RMS Current
1
Notes:
1.
Panasonic: www.panasonic.com.
2.
Murata: www.murata.com.
3.
TDK: www.tdk.com.
4.
AVX: www.avx.com
5.
Sanyo: www.sanyo.com.
6.
MCC.: www.mccsemi.com.
7.
Sumida: www.sumida.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com