Electronic Components Datasheet Search
  English  ▼

X  

MIC2104YML Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MIC2104YML
Description  75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2104YML Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MIC2104YML Datasheet HTML 14Page - Micrel Semiconductor MIC2104YML Datasheet HTML 15Page - Micrel Semiconductor MIC2104YML Datasheet HTML 16Page - Micrel Semiconductor MIC2104YML Datasheet HTML 17Page - Micrel Semiconductor MIC2104YML Datasheet HTML 18Page - Micrel Semiconductor MIC2104YML Datasheet HTML 19Page - Micrel Semiconductor MIC2104YML Datasheet HTML 20Page - Micrel Semiconductor MIC2104YML Datasheet HTML 21Page - Micrel Semiconductor MIC2104YML Datasheet HTML 22Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Micrel, Inc.
MIC2103/04
August 2012
18
M9999-080712-A
Functional Description
The MIC2103/04 are adaptive on-time synchronous buck
controllers built for high-input voltage to low-output
voltage conversion applications. They are designed to
operate over a wide input voltage range, from 4.5V to
75V, and the output is adjustable with an external
resistive divider. An adaptive on-time control scheme is
employed to obtain a constant switching frequency and
to simplify the control compensation. Over-current
protection
is
implemented
by
sensing
low-side
MOSFET’s RDS(ON). The device features internal soft-
start, enable, UVLO, and thermal shutdown.
Theory of Operation
Figure 1 illustrates the block diagram of the MIC2103/04.
The output voltage is sensed by the MIC2103/04
feedback pin FB via the voltage divider R1 and R2, and
compared to a 0.8V reference voltage VREF at the error
comparator through a low-gain transconductance (gm)
amplifier. If the feedback voltage decreases and the
amplifier output is below 0.8V, thenthe error comparator
will trigger the control logic and generate an ON-time
period. The ON-time period length is predetermined by
the “Fixed tON Estimator” circuitry:
SW
IN
OUT
ed)
ON(estimat
f
V
V
t
(Eq. 1)
where VOUT is the output voltage, VIN is the power stage
input voltage, and fSW is the switching frequency.
At the end of the ON-time period, the internal high-side
driver turns off the high-side MOSFET and the low-side
driver turns on the low-side MOSFET. The OFF-time
period length depends upon the feedback voltage in
most cases. When the feedback voltage decreases and
the output of the gm amplifier is below 0.8V, the ON-time
period is triggered and the OFF-time period ends. If the
OFF-time period determined by the feedback voltage is
less than the minimum OFF-time tOFF(min), which is about
200ns, the MIC2103/04 control logic will apply the
tOFF(min) instead. TOFF(min) is required to maintain enough
energy in the boost capacitor (CBST) to drive the high-
side MOSFET.
The maximum duty cycle is obtained from the 200ns
tOFF(min):
S
S
)
OFF(
S
MAX
t
200ns
1
t
t
t
D
MIN
(Eq. 2)
where tS = 1/fSW. It is not recommended to use
MIC2103/04 with a OFF-time close to tOFF(min) during
steady-state operation.
The adaptive ON-time control scheme results in a
constant switching frequency in the MIC2103/04. The
actual ON-time and resulting switching frequency will
vary with the different rising and falling times of the
external MOSFETs. Also, the minimum tON results in a
lower switching frequency in high VIN to VOUT
applications. During load transients, the switching
frequency is changed due to the varying OFF-time.
To illustrate the control loop operation, we will analyze
both the steady-state and load transient scenarios. For
easy analysis, the gain of the gm amplifier is assumed to
be 1. With this assumption, the inverting input of the
error comparator is the same as the feedback voltage.
Figure 2 shows the MIC2103/04 control loop timing
during steady-state operation. During steady-state, the
gm amplifier senses the feedback voltage ripple, which is
proportional to the output voltage ripple plus injected
voltage ripple, to trigger the ON-time period. The ON-
time is predetermined by the tON estimator. The
termination of the OFF-time is controlled by the feedback
voltage. At the valley of the feedback voltage ripple,
which occurs when VFB falls below VREF, the OFF period
ends and the next ON-time period is triggered through
the control logic circuitry.
Figure 2. MIC2103/04 Control Loop Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com