Electronic Components Datasheet Search
  English  ▼

X  

PIC16LF1824 Datasheet(PDF) 225 Page - Microchip Technology

Part # PIC16LF1824
Description  18/20/28-Pin Flash Microcontrollers with XLP Technology
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1824 Datasheet(HTML) 225 Page - Microchip Technology

Back Button PIC16LF1824 Datasheet HTML 221Page - Microchip Technology PIC16LF1824 Datasheet HTML 222Page - Microchip Technology PIC16LF1824 Datasheet HTML 223Page - Microchip Technology PIC16LF1824 Datasheet HTML 224Page - Microchip Technology PIC16LF1824 Datasheet HTML 225Page - Microchip Technology PIC16LF1824 Datasheet HTML 226Page - Microchip Technology PIC16LF1824 Datasheet HTML 227Page - Microchip Technology PIC16LF1824 Datasheet HTML 228Page - Microchip Technology PIC16LF1824 Datasheet HTML 229Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 440 page
background image
 2011-2013 Microchip Technology Inc.
Preliminary
DS40001453D-page 225
PIC16(L)F1847
TABLE 24-10: SUMMARY OF REGISTERS ASSOCIATED WITH ENHANCED PWM
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
APFCON0
RXDTSEL
SDO1SEL
SS1SEL
P2BSEL
CCP2SEL
P1DSEL
P1CSEL
CCP1SEL
118
CCP1CON
P1M<1:0>
DC1B<1:0>
CCP1M<3:0>
226
CCP1AS
CCP1ASE
CCP1AS<2:0>
PSS1AC<1:0>
PSS1BD<1:0>
228
CCPTMRS
C4TSEL<1:0>
C3TSEL<1:0>
C2TSEL<1:0>
C1TSEL<1:0>
227
INTCON
GIE
PEIE
TMR0IE
INTE
IOCE
TMR0IF
INTF
IOCF
88
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
89
PIE2
OSFIE
C2IE
C1IE
EEIE
BCL1IE
—
—
CCP2IE
90
PIE3
—
—
CCP4IE
CCP3IE
TMR6IE
—
TMR4IE
—
91
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
93
PIR2
OSFIF
C2IF
C1IF
EEIF
BCL1IF
—
—CCP2IF
94
PIR3
—
—
CCP4IF
CCP3IF
TMR6IF
—
TMR4IF
—
95
PR2
Timer2 Period Register
189*
PR4
Timer4 Module Period Register
189*
PR6
Timer6 Module Period Register
189*
PSTR1CON
—
—
—
STR1SYNC
STR1D
STR1C
STR1B
STR1A
230
PWM1CON
P1RSEN
P1DC<6:0>
229
T2CON
—
T2OUTPS<3:0>
TMR2ON
T2CKPS<1:0>
191
T4CON
—
T4OUTPS<3:0>
TMR4ON
T4CKPS<1:0>
191
T6CON
—
T6OUTPS<3:0>
TMR6ON
T6CKPS<1:0>
191
TMR2
Holding Register for the 8-bit TMR2 Time Base
189*
TMR4
Holding Register for the 8-bit TMR4 Time Base
189*
TMR6
Holding Register for the 8-bit TMR6 Time Base
189*
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
120
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
126
Legend:
— = Unimplemented location, read as ‘0’. Shaded cells are not used by the PWM.
*
Page provides register information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com