Electronic Components Datasheet Search
  English  ▼

X  

AD9649 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9649
Description  14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9649 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9649 Datasheet HTML 13Page - Analog Devices AD9649 Datasheet HTML 14Page - Analog Devices AD9649 Datasheet HTML 15Page - Analog Devices AD9649 Datasheet HTML 16Page - Analog Devices AD9649 Datasheet HTML 17Page - Analog Devices AD9649 Datasheet HTML 18Page - Analog Devices AD9649 Datasheet HTML 19Page - Analog Devices AD9649 Datasheet HTML 20Page - Analog Devices AD9649 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AD9649
Rev. 0 | Page 17 of
32
THEORY OF OPERATION
The AD9649 architecture consists of a multistage, pipelined ADC.
Each stage provides sufficient overlap to correct for flash errors in
the preceding stage. The quantized outputs from each stage are
combined into a final 14-bit result in the digital correction logic.
The pipelined architecture permits the first stage to operate with
a new input sample, whereas the remaining stages operate with pre-
ceding samples. Sampling occurs on the rising edge of the clock.
Each stage of the pipeline, excluding the last, consists of a low
resolution flash ADC connected to a switched-capacitor DAC
and an interstage residue amplifier (for example, a multiplying
digital-to-analog converter (MDAC)). The residue amplifier
magnifies the difference between the reconstructed DAC output
and the flash input for the next stage in the pipeline. One bit of
redundancy is used in each stage to facilitate digital correction
of flash errors. The last stage consists of a flash ADC.
The output staging block aligns the data, corrects errors, and
passes the data to the CMOS output buffers. The output buffers
are powered from a separate (DRVDD) supply, allowing adjust-
ment of the output voltage swing. During power-down, the output
buffers go into a high impedance state.
ANALOG INPUT CONSIDERATIONS
The analog input to the AD9649 is a differential switched-
capacitor circuit designed for processing differential input
signals. This circuit can support a wide common-mode range
while maintaining excellent performance. By using an input
common-mode voltage of midsupply, users can minimize
signal-dependent errors and achieve optimum performance.
SS
H
CPAR
CSAMPLE
CSAMPLE
CPAR
VIN–
H
SS
H
VIN+
H
Figure 35. Switched-Capacitor Input Circuit
The clock signal alternately switches the input circuit between
sample mode and hold mode (see Figure 35). When the input
circuit is switched to sample mode, the signal source must be
capable of charging the sample capacitors and settling within one-
half of a clock cycle. A small resistor in series with each input
can help reduce the peak transient current injected from the output
stage of the driving source. In addition, low Q inductors or ferrite
beads can be placed on each leg of the input to reduce high differ-
ential capacitance at the analog inputs and, therefore, achieve the
maximum bandwidth of the ADC. Such use of low Q inductors or
ferrite beads is required when driving the converter front end at
high IF frequencies. Either a shunt capacitor or two single-ended
capacitors can be placed on the inputs to provide a matching pas-
sive network. This ultimately creates a low-pass filter at the input
to limit unwanted broadband noise. See the AN-742 Application
Note, the AN-827 Application Note, and the Analog Dialogue
article, “Transformer-Coupled Front-End for Wideband A/D
Converters” (Volume 39, April 2005) for more information. In
general, the precise values depend on the application.
Input Common Mode
The analog inputs of the AD9649 are not internally dc-biased.
Therefore, in ac-coupled applications, the user must provide an
external dc bias. Setting the device so that VCM = AVDD/2
is recommended for optimum performance, but the device can
function over a wider range with reasonable performance, as
shown in Figure 36 and Figure 37.
100
90
80
70
60
50
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
INPUT COMMON-MODE VOLTAGE (V)
SFDR (dBc)
SNR (dBFS)
Figure 36. SNR/SFDR vs. Input Common-Mode Voltage,
fIN = 32.1 MHz, fS = 80 MSPS
100
90
80
70
60
50
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
INPUT COMMON-MODE VOLTAGE (V)
SFDR (dBc)
SNR (dBFS)
Figure 37. SNR/SFDR vs. Input Common-Mode Voltage,
fIN = 10.3 MHz, fS = 20 MSPS
An on-board, common-mode voltage reference is included in
the design and is available from the VCM pin. The VCM pin
must be decoupled to ground by a 0.1 μF capacitor, as described
in the Applications Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com