Electronic Components Datasheet Search
  English  ▼

X  

AD9649 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9649
Description  14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9649 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9649 Datasheet HTML 15Page - Analog Devices AD9649 Datasheet HTML 16Page - Analog Devices AD9649 Datasheet HTML 17Page - Analog Devices AD9649 Datasheet HTML 18Page - Analog Devices AD9649 Datasheet HTML 19Page - Analog Devices AD9649 Datasheet HTML 20Page - Analog Devices AD9649 Datasheet HTML 21Page - Analog Devices AD9649 Datasheet HTML 22Page - Analog Devices AD9649 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD9649
Rev. 0 | Page 19 of
32
VOLTAGE REFERENCE
A stable and accurate 1.0 V voltage reference is built into the
AD9649. The VREF can be configured using either the internal
1.0 V reference or an externally applied 1.0 V reference voltage.
The various reference modes are summarized in the sections
that follow. The Reference Decoupling section describes the
best practices PCB layout of the reference.
Internal Reference Connection
A comparator within the AD9649 detects the potential at the
SENSE pin and configures the reference into two possible modes,
which are summarized in Table 10. If SENSE is grounded, the
reference amplifier switch is connected to the internal resistor
divider (see Figure 43), setting VREF to 1.0 V.
VREF
SENSE
0.5V
ADC
SELECT
LOGIC
0.1µF
1.0µF
VIN–
VIN+
ADC
CORE
Figure 43. Internal Reference Configuration
If the internal reference of the AD9649 is used to drive multiple
converters to improve gain matching, the loading of the reference
by the other converters must be considered. Figure 44 shows
how the internal reference voltage is affected by loading.
External Reference Operation
The use of an external reference may be necessary to enhance
the gain accuracy of the ADC or improve thermal drift charac-
teristics. Figure 45 shows the typical drift characteristics of the
internal reference in 1.0 V mode.
0
–3.0
02
LOAD CURRENT (mA)
.0
–0.5
–1.0
–1.5
–2.0
–2.5
0.2
0.4
0.6
0.8
1.0
1.4
1.6
1.8
1.2
INTERNAL VREF = 0.996V
Figure 44. VREF Accuracy vs. Load Current
4
3
2
1
0
–1
–2
–3
–4
–5
–6
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
VREF ERROR (mV)
Figure 45. Typical VREF Drift
When the SENSE pin is tied to AVDD, the internal reference is
disabled, allowing the use of an external reference. An internal
reference buffer loads the external reference with an equivalent
7.5 kΩ load (see Figure 28). The internal buffer generates the
positive and negative full-scale references for the ADC core.
Therefore, the external reference must be limited to a maximum
of 1.0 V.
Table 10. Reference Configuration Summary
Selected Mode
SENSE Voltage (V)
Resulting VREF (V)
Resulting Differential Span (V p-p)
Fixed Internal Reference
AGND to 0.2
1.0 internal
2.0
Fixed External Reference
AVDD
1.0 applied to external VREF pin
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com