Electronic Components Datasheet Search
  English  ▼

X  

AD9649 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9649
Description  14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9649 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9649 Datasheet HTML 20Page - Analog Devices AD9649 Datasheet HTML 21Page - Analog Devices AD9649 Datasheet HTML 22Page - Analog Devices AD9649 Datasheet HTML 23Page - Analog Devices AD9649 Datasheet HTML 24Page - Analog Devices AD9649 Datasheet HTML 25Page - Analog Devices AD9649 Datasheet HTML 26Page - Analog Devices AD9649 Datasheet HTML 27Page - Analog Devices AD9649 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD9649
Rev. 0 | Page 24 of
32
SERIAL PORT INTERFACE (SPI)
The AD9649 SPI allows the user to configure the converter for
specific functions or operations through a structured register space
provided inside the ADC. The SPI gives the user added flexibility
and customization, depending on the application. Addresses are
accessed via the serial port and can be written to or read from via
the port. Memory is organized into bytes that can be further
divided into fields, which are documented in the Memory Map
section. For detailed operational information, see the AN-877
Application Note, Interfacing to High Speed ADCs via SPI.
CONFIGURATION USING THE SPI
Three pins define the SPI of this ADC: the SCLK (SCLK/DFS,
the SDIO (SDIO/PDWN), and the CSB (see Table 13). The SCLK
(a serial clock) is used to synchronize the read and write data
presented from and to the ADC. The SDIO (serial data input/
output) is a dual-purpose pin that allows data to be sent and
read from the internal ADC memory map registers. The CSB
(chip select bar) is an active-low control that enables or disables
the read and write cycles.
Table 13. Serial Port Interface Pins
Pin
Function
SCLK
Serial clock. The serial shift clock input, which is used to
synchronize serial interface reads and writes.
SDIO
Serial data input/output. A dual-purpose pin that
typically serves as an input or an output, depending on
the instruction being sent and the relative position in the
timing frame.
CSB
Chip select bar. An active-low control that gates the read
and write cycles.
The falling edge of CSB, in conjunction with the rising edge of
SCLK, determines the start of the framing. An example of the
serial timing and its definitions can be found in Figure 55 and
Table 5.
Other modes involving the CSB are available. The CSB can be
held low indefinitely, which permanently enables the device;
this is called streaming. The CSB can stall high between bytes to
allow for additional external timing. When CSB is tied high, SPI
functions are placed in high impedance mode. This mode turns
on any SPI pin secondary functions.
During an instruction phase, a 16-bit instruction is transmitted.
Data follows the instruction phase, and its length is determined
by the W0 and W1 bits, as shown in Figure 55.
All data is composed of 8-bit words. The first bit of the first byte in
a multibyte serial data transfer frame indicates whether a read com-
mand or a write command is issued. This allows the serial data
input/output (SDIO) pin to change direction from an input to
an output at the appropriate point in the serial frame.
In addition to word length, the instruction phase determines
whether the serial frame is a read or write operation, allowing
the serial port to be used both to program the chip and to read
the contents of the on-chip memory. If the instruction is a readback
operation, performing a readback causes the serial data input/
output (SDIO) pin to change direction from an input to an output
at the appropriate point in the serial frame.
Data can be sent in MSB-first mode or in LSB-first mode. MSB
first is the default on power-up and can be changed via the SPI
port configuration register. For more information about this
and other features, see the AN-877 Application Note, Interfacing
to High Speed ADCs via SPI.
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
SDIO
SCLK
CSB
tS
tDH
tCLK
tDS
tH
tHIGH
tLOW
R/W
W1
W0
A12
A11
A10
A9
A8
A7
D5
D4
D3
D2
D1
D0
Figure 55. Serial Port Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com