Electronic Components Datasheet Search
  English  ▼

X  

AD9649 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9649
Description  14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9649 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9649 Datasheet HTML 24Page - Analog Devices AD9649 Datasheet HTML 25Page - Analog Devices AD9649 Datasheet HTML 26Page - Analog Devices AD9649 Datasheet HTML 27Page - Analog Devices AD9649 Datasheet HTML 28Page - Analog Devices AD9649 Datasheet HTML 29Page - Analog Devices AD9649 Datasheet HTML 30Page - Analog Devices AD9649 Datasheet HTML 31Page - Analog Devices AD9649 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
AD9649
Rev. 0 | Page 31 of 3
2
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-220-VHHD-2
0.30
0.23
0.18
0.20 REF
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
12° MAX
1.00
0.85
0.80
SEATING
PLANE
COPLANARITY
0.08
1
32
8
9
25
24
16
17
0.50
0.40
0.30
3.50 REF
0.50
BSC
PIN 1
INDICATOR
TOP
VIEW
5.00
BSC SQ
4.75
BSC SQ
3.65
3.50 SQ
3.35
PIN 1
INDICATOR
0.60 MAX
0.60 MAX
0.25 MIN
EXPOSED
PAD
(BOTTOM VIEW)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 56. 32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
5 mm × 5 mm Body, Very Thin Quad
(CP-32-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9649BCPZ-801, 2
–40°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-32-4
AD9649BCPZRL7-801, 2
–40°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-32-4
AD9649BCPZ-651, 2
–40°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-32-4
AD9649BCPZRL7-651, 2
–40°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-32-4
AD9649BCPZ-401, 2
–40°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-32-4
AD9649BCPZRL7-401, 2
–40°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-32-4
AD9649BCPZ-201, 2
–40°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-32-4
AD9649BCPZRL7-201, 2
–40°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-32-4
AD9649-80EBZ1
Evaluation Board
AD9649-65EBZ1
Evaluation Board
AD9649-40EBZ1
Evaluation Board
AD9649-20EBZ1
Evaluation Board
1 Z = RoHS Compliant Part.
2 The exposed paddle (Pin 0) is the only GND connection on the chip and must be connected to the PCB AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com