Electronic Components Datasheet Search
  English  ▼

X  

AD9649 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9649
Description  14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9649 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9649 Datasheet HTML 14Page - Analog Devices AD9649 Datasheet HTML 15Page - Analog Devices AD9649 Datasheet HTML 16Page - Analog Devices AD9649 Datasheet HTML 17Page - Analog Devices AD9649 Datasheet HTML 18Page - Analog Devices AD9649 Datasheet HTML 19Page - Analog Devices AD9649 Datasheet HTML 20Page - Analog Devices AD9649 Datasheet HTML 21Page - Analog Devices AD9649 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD9649
Rev. 0 | Page 18 of
32
Differential Input Configurations
Optimum performance is achieved while driving the AD9649
in a differential input configuration. For baseband applications,
the AD8138, ADA4937-2, and ADA4938-2 differential drivers
provide excellent performance and a flexible interface to the ADC.
The output common-mode voltage of the ADA4938-2 is easily
set with the VCM pin of the AD9649 (see Figure 38), and the
driver can be configured in a Sallen-Key filter topology to
provide band limiting of the input signal.
AVDD
VIN
76.8
Ω
120
Ω
0.1µF
33
Ω
33
Ω
10pF
200
Ω
200
Ω
90
Ω
ADA4938-2
ADC
VIN–
VIN+
VCM
Figure 38. Differential Input Configuration Using the ADA4938-2
For baseband applications below ~10 MHz where SNR is a key
parameter, differential transformer coupling is the recommended
input configuration. An example is shown in Figure 39. To bias
the analog input, the VCM voltage can be connected to the
center tap of the secondary winding of the transformer.
2V p-p
49.9
Ω
0.1µF
R
R
C
ADC
VCM
VIN+
VIN–
Figure 39. Differential Transformer-Coupled Configuration
The signal characteristics must be considered when selecting
a transformer. Most RF transformers saturate at frequencies
below a few megahertz (MHz). Excessive signal power can also
cause core saturation, which leads to distortion.
At input frequencies in the second Nyquist zone and above, the
noise performance of most amplifiers is not adequate to achieve
the true SNR performance of the AD9649. For applications above
~10 MHz where SNR is a key parameter, differential double balun
coupling is the recommended input configuration (see Figure 41).
An alternative to using a transformer-coupled input at frequencies
in the second Nyquist zone is to use the AD8352 differential driver.
An example is shown in Figure 42. See the AD8352 data sheet
for more information.
In any configuration, the value of Shunt Capacitor C is dependent
on the input frequency and source impedance and may need to
be reduced or removed. Table 9 displays the suggested values to set
the RC network. However, these values are dependent on the
input signal and should be used only as a starting guide.
Table 9. Example RC Network
Frequency Range (MHz)
R Series
(Ω Each)
C Differential (pF)
0 to 70
33
22
70 to 200
125
Open
Single-Ended Input Configuration
A single-ended input can provide adequate performance in cost-
sensitive applications. In this configuration, SFDR and distortion
performance degrade due to the large input common-mode swing.
If the source impedances on each input are matched, there should
be little effect on SNR performance. Figure 40 shows a typical
single-ended input configuration.
1V p-p
R
R
C
49.9
Ω
0.1µF
10µF
10µF
0.1µF
AVDD
1k
Ω
1k
Ω
1k
Ω
1k
Ω
ADC
AVDD
VIN+
VIN–
Figure 40. Single-Ended Input Configuration
ADC
R
0.1µF
0.1µF
2V p-p
VCM
C
R
0.1µF
S
0.1µF
25
Ω
25
Ω
S
PA
P
VIN+
VIN–
Figure 41. Differential Double Balun Input Configuration
AD8352
0
Ω
0
Ω
CD
RD
RG
0.1µF
0.1µF
0.1µF
0.1µF
16
1
2
3
4
5
11
0.1µF
0.1µF
10
14
0.1µF
8, 13
VCC
200
Ω
200
Ω
ANALOG INPUT
ANALOG INPUT
R
R
C
ADC
VCM
VIN+
VIN–
Figure 42. Differential Input Configuration Using the AD8352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com