Electronic Components Datasheet Search
  English  ▼

X  

ADP2121 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP2121
Description  600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2121 Datasheet(HTML) 5 Page - Analog Devices

  ADP2121 Datasheet HTML 1Page - Analog Devices ADP2121 Datasheet HTML 2Page - Analog Devices ADP2121 Datasheet HTML 3Page - Analog Devices ADP2121 Datasheet HTML 4Page - Analog Devices ADP2121 Datasheet HTML 5Page - Analog Devices ADP2121 Datasheet HTML 6Page - Analog Devices ADP2121 Datasheet HTML 7Page - Analog Devices ADP2121 Datasheet HTML 8Page - Analog Devices ADP2121 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADP2121
Rev. B | Page 5 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
MODE VIN
SW
FB
GND
TOP VIEW
(BALL SIDE DOWN)
(BUMPS ON OPPOSITE SIDE)
Not to Scale
1
A
B
C
2
BALL A1
INDICATOR
EN
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
A1
MODE
Mode Select. This pin toggles between auto mode (PFM and PWM switching) and PWM mode. Set MODE low to
allow the part to operate in auto mode. Pull MODE high to force the part to operate in PWM mode. The voltage
applied to MODE should never be higher than the voltage applied to VIN. Do not leave this pin floating.
B1
SW
Switch Node.
C1
FB
Feedback Divider Input. Connect the output capacitor from FB to GND as close as possible to the ADP2121 to set
the output voltage ripple and to complete the control loop.
A2
VIN
Power Supply Input. Connect the input capacitor from VIN to GND as close as possible to the ADP2121.
B2
EN
Enable. Pull this pin high to enable the part. Set this pin low to disable the part. Do not leave this pin floating.
C2
GND
Ground Pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com