Electronic Components Datasheet Search
  English  ▼

X  

ADP2121 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP2121
Description  600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2121 Datasheet(HTML) 2 Page - Analog Devices

  ADP2121 Datasheet HTML 1Page - Analog Devices ADP2121 Datasheet HTML 2Page - Analog Devices ADP2121 Datasheet HTML 3Page - Analog Devices ADP2121 Datasheet HTML 4Page - Analog Devices ADP2121 Datasheet HTML 5Page - Analog Devices ADP2121 Datasheet HTML 6Page - Analog Devices ADP2121 Datasheet HTML 7Page - Analog Devices ADP2121 Datasheet HTML 8Page - Analog Devices ADP2121 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADP2121
Rev. B | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Typical Application Circuit ............................................................. 1
Typical Performance......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
Thermal Data ................................................................................ 4
Thermal Resistance ...................................................................... 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Typical Performance Characteristics ............................................. 6
Theory of Operation ...................................................................... 14
Overview ..................................................................................... 14
Mode Selection ........................................................................... 14
Enable/Shutdown ....................................................................... 15
Internal Control Features .......................................................... 15
Applications Information .............................................................. 17
Inductor Selection ...................................................................... 17
Input Capacitor Selection.......................................................... 17
Output Capacitor Selection....................................................... 17
PCB Layout Guidelines.................................................................. 19
Outline Dimensions....................................................................... 20
Ordering Guide .......................................................................... 20
REVISION HISTORY
1/11—Rev. A to Rev. B
Changes to Table 2 Summary.......................................................... 3
Changes to Undervoltage Lockout Threshold Parameter and
Output Voltage Accuracy Parameter in Table 2 ........................... 3
6/10—Rev. 0 to Rev. A
Changes to Features, General Description, Figure 1, and
Figure 2; Added Table 1; Renumbered Sequentially................ 1
Changes to Table 2............................................................................ 3
Changes to Table 3............................................................................ 4
Change to Typical Performance Characteristics Condition
Statement; Reorganized Typical Performance Characteristics
Section; Changes to Figure 4, Figure 6, Figure 7, and Figure 9;
Added Figure 5 and Figure 8; Renumbered Sequentially ....... 6
Changes to Figure 10 to Figure 12; Added Figure 13 to Figure 15... 7
Changes to Figure 16, Figure 17, Figure 19, and Figure 20..........8
Changes to Figure 22; Added Figure 23 and Figure 24 ................9
Added Figure 40, Figure 42, Figure 43, and Figure 45 .............. 12
Added Figure 46 and Figure 48; Changes to Figure 47 ............. 13
Changes to Figure 51 and the Overview Section ....................... 14
Changes to the Auto Mode (PFM and PWM Switching) Section,
Figure 53, the Mode Transition Section, and the Enable/
Shutdown Section....................................................................... 15
Changes to the Output Short-Circuit Protection Section and
Figure 55...................................................................................... 16
Changes to the Output Capacitor Selection Section ................. 17
Changes to Table 6, Table 7, and Table 8..................................... 18
Changes to Ordering Guide.......................................................... 20
4/09—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com