Electronic Components Datasheet Search
  English  ▼

X  

ADP2121 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP2121
Description  600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2121 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP2121 Datasheet HTML 3Page - Analog Devices ADP2121 Datasheet HTML 4Page - Analog Devices ADP2121 Datasheet HTML 5Page - Analog Devices ADP2121 Datasheet HTML 6Page - Analog Devices ADP2121 Datasheet HTML 7Page - Analog Devices ADP2121 Datasheet HTML 8Page - Analog Devices ADP2121 Datasheet HTML 9Page - Analog Devices ADP2121 Datasheet HTML 10Page - Analog Devices ADP2121 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADP2121
Rev. B | Page 7 of 20
44
42
40
38
36
34
32
30
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
TA = –40°C
TA = +85°C
TA = +25°C
VOUT = 1.82V
Figure 10. Auto Mode Quiescent Current vs. Input Voltage Over Temperature
(Nonswitching, No Load)
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
TA = –40°C
TA = +85°C
TA = +25°C
VOUT = 1.82V
Figure 11. Shutdown Current vs. Input Voltage Over Temperature
16
14
12
10
8
6
4
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
TA = –40°C
TA = +85°C
TA = +25°C
VOUT = 1.82V
VOUT = 1.82V
Figure 12. PWM Mode Quiescent Current vs. Input Voltage Over Temperature
(Switching, No Load)
30
32
34
36
38
40
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
VOUT = 1.8V
VOUT = 1.82V
VOUT = 1.85V
VOUT = 1.875V
VOUT = 2.3V
Figure 13. Auto Mode Quiescent Current vs. Input Voltage for All Voltage
Options (Nonswitching, No Load)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
VOUT = 1.8V
VOUT = 1.82V
VOUT = 1.85V
VOUT = 1.875V
VOUT = 2.3V
Figure 14. Shutdown Current vs. Input Voltage for All Voltage Options
3
5
7
9
11
13
15
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
VOUT = 1.8V
VOUT = 1.82V
VOUT = 1.85V
VOUT = 1.875V
VOUT = 2.3V
Figure 15. PWM Mode Quiescent Current vs. Input Voltage
for All Voltage Options (Switching, No Load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com