Electronic Components Datasheet Search
  English  ▼

X  

ADP2121 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP2121
Description  600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2121 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP2121 Datasheet HTML 5Page - Analog Devices ADP2121 Datasheet HTML 6Page - Analog Devices ADP2121 Datasheet HTML 7Page - Analog Devices ADP2121 Datasheet HTML 8Page - Analog Devices ADP2121 Datasheet HTML 9Page - Analog Devices ADP2121 Datasheet HTML 10Page - Analog Devices ADP2121 Datasheet HTML 11Page - Analog Devices ADP2121 Datasheet HTML 12Page - Analog Devices ADP2121 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADP2121
Rev. B | Page 9 of 20
180
160
140
120
100
80
60
40
20
0
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
PWM OPERATION
PFM OPERATION
VOUT = 1.82V
Figure 22. Auto Mode Switching Threshold vs. Input Voltage
110
120
130
140
150
160
170
180
190
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
VOUT = 1.8V
VOUT = 1.82V
VOUT = 1.85V
VOUT = 1.875V
VOUT = 2.3V
PFM OPERATION
Figure 23. Auto Mode Rising Switching Threshold vs. Input Voltage for All
Voltage Options
40
60
80
100
120
140
160
180
200
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
VOUT = 1.8V
VOUT = 1.82V
VOUT = 1.85V
VOUT = 1.875V
VOUT = 2.3V
PWM OPERATION
Figure 24. Auto Mode Falling Switching Threshold vs. Input Voltage for All
Voltage Options
TIME (20µs/DIV)
OUTPUT VOLTAGE (50mV/DIV)
LOAD CURRENT (100mA/DIV)
Figure 25. Load Transient Response, 0 mA to 150 mA
(VIN = 2.5 V, Auto Mode)
TIME (20µs/DIV)
OUTPUT VOLTAGE (50mV/DIV)
LOAD CURRENT (100mA/DIV)
Figure 26. Load Transient Response, 0 mA to 150 mA
(VIN = 3.6 V, Auto Mode)
TIME (20µs/DIV)
OUTPUT VOLTAGE (50mV/DIV)
LOAD CURRENT (100mA/DIV)
Figure 27. Load Transient Response, 0 mA to 150 mA
(VIN = 4.5 V, Auto Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com