Electronic Components Datasheet Search
  English  ▼

X  

ADP2121 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP2121
Description  600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2121 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP2121 Datasheet HTML 12Page - Analog Devices ADP2121 Datasheet HTML 13Page - Analog Devices ADP2121 Datasheet HTML 14Page - Analog Devices ADP2121 Datasheet HTML 15Page - Analog Devices ADP2121 Datasheet HTML 16Page - Analog Devices ADP2121 Datasheet HTML 17Page - Analog Devices ADP2121 Datasheet HTML 18Page - Analog Devices ADP2121 Datasheet HTML 19Page - Analog Devices ADP2121 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADP2121
Rev. B | Page 18 of 20
Table 6. Recommended Inductor Selection
Manufacturer
Series
Inductance (µH)
DCR (mΩ)
Current Rating (mA)
Size (L × W × H) (mm)
Package
Murata
LQM2HPNR47MG0L
0.47 ± 20%
40 ± 25%
1800
2.50 × 2.00 × 0.90
1008
LQM21PNR47MC0D
0.47 ± 20%
120 ± 25%
1100
2.00 × 1.25 × 0.50
0805
Taiyo Yuden
BRC1608TR45M
0.45 ± 20%
90 ± 30%
800
1.60 × 0.80 × 0.80
0603
TDK
MLZ2012DR47MT
0.47 ± 20%
180 ± 30%
550
2.00 × 1.25 × 1.25
0805
GLFR1608TR47M-LR
0.47 ± 20%
50 ± 30%
475
1.6 × 0.80 × 0.80
0603
Table 7. Recommended Input Capacitor Selection
Manufacturer
Part Number
Capacitance ( μF) Voltage Rating (V)
Temperature
Coefficient
Size (L × W × H) (mm)
Package
Murata
GRM155R60J225M
2.2
6.3
X5R
1.0 × 0.5 × 0.5
0402
Taiyo Yuden
JMK105BJ225MV-F
2.2
6.3
X5R
1.0 × 0.5 × 0.5
0402
Table 8. Recommended Output Capacitor Selection
Manufacturer
Part Number
Capacitance (μF)
Voltage Rating (V)
Temperature
Coefficient
Size (L × W × H) (mm)
Package
Murata
GRM188R60J475KE19D
4.7
6.3
X5R
1.6 × 0.8 × 0.8
0603
GRM155R60J475ME87D
4.7
6.3
X5R
1.0 × 0.5 × 0.5
0402
Taiyo Yuden
AMK105BJ475MV-F
4.7
4
X5R
1.0 × 0.5 × 0.5
0402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com