Electronic Components Datasheet Search
  English  ▼

X  

ADP2121 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP2121
Description  600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2121 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP2121 Datasheet HTML 6Page - Analog Devices ADP2121 Datasheet HTML 7Page - Analog Devices ADP2121 Datasheet HTML 8Page - Analog Devices ADP2121 Datasheet HTML 9Page - Analog Devices ADP2121 Datasheet HTML 10Page - Analog Devices ADP2121 Datasheet HTML 11Page - Analog Devices ADP2121 Datasheet HTML 12Page - Analog Devices ADP2121 Datasheet HTML 13Page - Analog Devices ADP2121 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADP2121
Rev. B | Page 10 of 20
TIME (20µs/DIV)
OUTPUT VOLTAGE (50mV/DIV)
LOAD CURRENT (100mA/DIV)
Figure 28. Load Transient Response, 0 mA to 150 mA
(VIN = 2.5 V, PWM Mode)
TIME (20µs/DIV)
OUTPUT VOLTAGE (50mV/DIV)
LOAD CURRENT (100mA/DIV)
Figure 29. Load Transient Response, 0 mA to 150 mA
(VIN = 3.6 V, PWM Mode)
TIME (20µs/DIV)
OUTPUT VOLTAGE (50mV/DIV)
LOAD CURRENT (100mA/DIV)
Figure 30. Load Transient Response, 0 mA to 150 mA
(VIN = 4.5 V, PWM Mode)
TIME (20µs/DIV)
OUTPUT VOLTAGE (50mV/DIV)
LOAD CURRENT (100mA/DIV)
Figure 31. Load Transient Response, 50 mA to 250 mA
(VIN = 2.5 V, Auto Mode)
TIME (20µs/DIV)
OUTPUT VOLTAGE (50mV/DIV)
LOAD CURRENT (100mA/DIV)
Figure 32. Load Transient Response, 50 mA to 250 mA
(VIN = 3.6 V Auto Mode)
TIME (20µs/DIV)
OUTPUT VOLTAGE (50mV/DIV, 1.82V OFFSET)
LOAD CURRENT (100mA/DIV)
Figure 33. Load Transient Response, 50 mA to 250 mA
(VIN = 4.5 V, Auto Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com