Electronic Components Datasheet Search
  English  ▼

X  

ADRF6704 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF6704
Description  1200 MHz to 2400 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6704 Datasheet(HTML) 5 Page - Analog Devices

  ADRF6704 Datasheet HTML 1Page - Analog Devices ADRF6704 Datasheet HTML 2Page - Analog Devices ADRF6704 Datasheet HTML 3Page - Analog Devices ADRF6704 Datasheet HTML 4Page - Analog Devices ADRF6704 Datasheet HTML 5Page - Analog Devices ADRF6704 Datasheet HTML 6Page - Analog Devices ADRF6704 Datasheet HTML 7Page - Analog Devices ADRF6704 Datasheet HTML 8Page - Analog Devices ADRF6704 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Data Sheet
ADRF6702
Rev. B | Page 5 of 36
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
BASEBAND INPUTS
IP, IN, QP, QN pins
I and Q Input DC Bias Level
400
500
600
mV
Bandwidth
POUT ≈ −7 dBm, RF flatness of IQ modulator output calibrated out
0.5 dB
350
MHz
3 dB
750
MHz
Differential Input Impedance
920
Ω
Differential Input Capacitance
1
pF
LOGIC INPUTS
CLK, DATA, LE, ENOP, LOSEL
Input High Voltage, VINH
1.4
3.3
V
Input Low Voltage, VINL
0
0.7
V
Input Current, IINH/IINL
0.1
μA
Input Capacitance, CIN
5
pF
TEMPERATURE SENSOR
VPTAT voltage measured at MUXOUT
Output Voltage
TA = 25
°C, RL ≥10 kΩ (LO buffer disabled)
1.64
V
Temperature Coefficient
TA = −40
°C to +85°C, RL ≥10 kΩ
3.9
mV/
°C
POWER SUPPLIES
VCC1, VCC2, VCC3, VCC4, VCC5, VCC6, VCC7
Voltage Range
4.75
5
5.25
V
Supply Current
Normal Tx mode (PLL and IQMOD enabled, LO buffer disabled)
240
mA
Tx mode using external LO input (internal VCO/PLL disabled)
130
mA
Tx mode with LO buffer enabled
290
mA
Power-down mode
22
μA
1 The figure of merit (FOM) is computed as phase noise (dBc/Hz) – 10log10(fPFD) – 20log10(fLO/fPFD). The FOM was measured across the full LO range, with fREF = 80 MHz,
fREF power = 10 dBm (500 V/μs slew rate) with a 40 MHz fPFD. The FOM was computed at 50 kHz offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com