Electronic Components Datasheet Search
  English  ▼

X  

ADRF6704 Datasheet(PDF) 19 Page - Analog Devices

Part # ADRF6704
Description  1200 MHz to 2400 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6704 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADRF6704 Datasheet HTML 15Page - Analog Devices ADRF6704 Datasheet HTML 16Page - Analog Devices ADRF6704 Datasheet HTML 17Page - Analog Devices ADRF6704 Datasheet HTML 18Page - Analog Devices ADRF6704 Datasheet HTML 19Page - Analog Devices ADRF6704 Datasheet HTML 20Page - Analog Devices ADRF6704 Datasheet HTML 21Page - Analog Devices ADRF6704 Datasheet HTML 22Page - Analog Devices ADRF6704 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Data Sheet
ADRF6702
Rev. B | Page 19 of 36
0
0.2
0.4
0.6
0.8
1.0
1.2
400
500
600
700
800
900
1000
0
100
200
300
400
500
BASEBAND FREQUENCY (MHz)
RESISTANCE
CAPACITANCE
IQ FILTERING
An antialiasing filter must be placed between the DAC and
modulator to filter out Nyquist images and broadband DAC
noise. The interface for setting up the biasing and ac swing
discussed in the Adding a Swing-Limiting Resistor section,
lends itself well to the introduction of such a filter. The filter
can be inserted between the dc bias setting resistors and the
ac swing-limiting resistor. Doing so establishes the input and
output impedances for the filter.
Unless a swing-limiting resistor of 100 Ω is chosen, the filter
must be designed to support different source and load
impedances. In addition, the differential input capacitance of
the I and Q inputs (1 pF) should be factored into the filter
design. Modern filter design tools allow for the simulation and
design of filters with differing source and load impedances as
well as inclusion of reactive load components.
Figure 40. Differential Baseband Input R and Input C Equivalents (Shunt R
and Shunt C)
DEVICE PROGRAMMING AND REGISTER
SEQUENCING
BASEBAND BANDWIDTH
Figure 39 shows the frequency response of the ADRF6702’s
baseband inputs. This plot shows 0.5 dB and 3 dB bandwidths
of 350 MHz and 750 MHz respectively. Any flatness variations
across frequency at the ADRF6702 RF output have been
calibrated out of this measurement.
The device is programmed via a 3-pin SPI port. The timing
requirements for the SPI port are shown in Table 3 and Figure 2.
Eight programmable registers, each with 24 bits, control the
operation of the device. The register functions are listed in
Table 9. The eight registers should initially be programmed
in reverse order, starting with Register 7 and finishing with
Register 0. Once all eight registers have been initially
programmed, any of the registers can be updated without any
attention to sequencing.
–10
–8
–6
–4
–2
0
2
4
10
100
1000
BB FREQUENCY (MHz)
Software is available on the ADRF6702 product page at
www.analog.com that allows programming of the evaluation
board from a PC running Windows® XP or Windows Vista.
To operate correctly under Windows XP, Version 3.5 of
Microsoft .NET must be installed. To run the software on
a Windows 7 PC, XP emulation mode must be used (using
Virtual PC).
Figure 39. Baseband Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com