Electronic Components Datasheet Search
  English  ▼

X  

ADRF6704 Datasheet(PDF) 22 Page - Analog Devices

Part # ADRF6704
Description  1200 MHz to 2400 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6704 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADRF6704 Datasheet HTML 18Page - Analog Devices ADRF6704 Datasheet HTML 19Page - Analog Devices ADRF6704 Datasheet HTML 20Page - Analog Devices ADRF6704 Datasheet HTML 21Page - Analog Devices ADRF6704 Datasheet HTML 22Page - Analog Devices ADRF6704 Datasheet HTML 23Page - Analog Devices ADRF6704 Datasheet HTML 24Page - Analog Devices ADRF6704 Datasheet HTML 25Page - Analog Devices ADRF6704 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
ADRF6702
Data Sheet
Rev. B | Page 22 of 36
REGISTER 1—MODULUS DIVIDE CONTROL
(DEFAULT: 0x003001)
With Register 1, Bits[2:0] set to 001, the on-chip modulus
divide control register is programmed as shown in Figure 42.
Modulus Value
The modulus value is the preset fractional modulus ranging
from 1 to 2047.
REGISTER 2—FRACTIONAL DIVIDE CONTROL
(DEFAULT: 0x001802)
With Register 2, Bits[2:0] set to 010, the on-chip fractional
divide control register is programmed as shown in Figure 43.
Fractional Value
The FRAC value is the preset fractional modulus ranging from
0 to <MDR.
MODULUS VALUE
DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
0
0
0
MD10
MD9
MD8
MD7
MD6
MD5
MD4
MD3
MD2
MD1
MD0 C3(0) C2(0) C1(1)
MD10
MD9MD8MD7MD6MD5MD4MD3MD2MD1MD0
0
0000
000
001
0
0000
000
010
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
1
1000
000
000
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
1
1111
111
111
MODULUS VALUE
...
...
2047
CONTROL BITS
1
1536 (DEFAULT)
2
...
...
RESERVED
Figure 42. Register 1—Modulus Divide Control Register Map
FD10
FD9FD8FD7FD6FD5FD4FD3FD2FD1FD0
0
0
00
000
000
0
0
0
00
000
000
1
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
0
1
10
000
000
0
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
FRACTIONAL VALUE MUST BE LESS THAN MODULUS.
FRACTIONAL VALUE
0
1
...
...
768 (DEFAULT)
...
...
<MDR
FRACTIONAL VALUE
RESERVED
DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
CONTROL BITS
0
000
00
000
0
FD10
FD9
FD8
FD7
FD6
FD5
FD4
FD3
FD2
FD1
FD0
C3(0) C2(1) C1(0)
Figure 43. Register 2—Fractional Divide Control Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com