Electronic Components Datasheet Search
  English  ▼

X  

ADRF6704 Datasheet(PDF) 15 Page - Analog Devices

Part # ADRF6704
Description  1200 MHz to 2400 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6704 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADRF6704 Datasheet HTML 11Page - Analog Devices ADRF6704 Datasheet HTML 12Page - Analog Devices ADRF6704 Datasheet HTML 13Page - Analog Devices ADRF6704 Datasheet HTML 14Page - Analog Devices ADRF6704 Datasheet HTML 15Page - Analog Devices ADRF6704 Datasheet HTML 16Page - Analog Devices ADRF6704 Datasheet HTML 17Page - Analog Devices ADRF6704 Datasheet HTML 18Page - Analog Devices ADRF6704 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Data Sheet
ADRF6702
Rev. B | Page 15 of 36
–10
–11
–12
–13
–14
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1550 1600 1650 1700 1750 1800 1850 1900 1950 2000 2050 2100 2150
LO FREQUENCY (MHz)
LO INPUT
RF OUTPUT
Figure 32. Input Return Loss of LO Input (LON, LOP Driven Through MABA-
007159 1:1 Balun) and Output Return Loss of RFOUT vs. Frequency
280
1550 1600 1650 1700 1750 1800 1850 1900 1950 2000 2050 2100 2150
LO FREQUENCY (MHz)
270
260
250
240
230
220
210
200
190
180
TA =+85°C
TA = –40°C
TA =+25°C
Figure 33. Power Supply Current vs. Frequency and Temperature (PLL and
IQMOD Enabled, LO Buffer Disabled)
LO = 2150MHz
LO = 1550MHz
Figure 34. Smith Chart Representation of RF Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com