Electronic Components Datasheet Search
  English  ▼

X  

ADRF6704 Datasheet(PDF) 30 Page - Analog Devices

Part # ADRF6704
Description  1200 MHz to 2400 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6704 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADRF6704 Datasheet HTML 26Page - Analog Devices ADRF6704 Datasheet HTML 27Page - Analog Devices ADRF6704 Datasheet HTML 28Page - Analog Devices ADRF6704 Datasheet HTML 29Page - Analog Devices ADRF6704 Datasheet HTML 30Page - Analog Devices ADRF6704 Datasheet HTML 31Page - Analog Devices ADRF6704 Datasheet HTML 32Page - Analog Devices ADRF6704 Datasheet HTML 33Page - Analog Devices ADRF6704 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
ADRF6702
Data Sheet
Rev. B | Page 30 of 36
EVALUATION BOARD
To operate correctly under Windows XP, Version 3.5 of
Microsoft .NET must be installed. To run the software on a
Windows 7 PC, XP emulation mode must be used (using
Virtual PC).
Figure 52 shows the schematic of the device’s RoHS-compliant
evaluation board. This board was designed using Rogers 4350
material to minimize losses at high frequencies. FR4 material
would also be adequate but with the slightly higher trace loss
of this material.
Whereas the on-board USB interface circuitry of the evaluation
board is powered directly from the PC, the main section of the
evaluation board requires a separate 5 V power supply.
The evaluation board is designed to operate using the internal
VCO (default configuration) of the device or with an external
VCO. To use an external VCO, R62 and R12 should be
removed. 0 Ω resistors should be placed in R63 and R11. A
side-launched SMA connector (Johnson 142-0701-851) must
be soldered to the pad labeled VTUNE. The input of the
external VCO should be connected to the VTUNE SMA
connector and a portion of the VCO’s output should be
connected to the EXT LO SMA connector. In addition to
these hardware changes, internal register settings must also
be changed (as detailed in the Register Description section)
to enable operation with an external VCO.
Additional configuration options for the evaluation board are
described in Table 11.
Figure 51. Control Software Opening Menu
The serial port of the ADRF6702 can be programmed from a
PC’s USB port (a USB cable is provided with the evaluation
board). The on-board USB interface circuitry can if desired be
bypassed by removing the 0 Ω resistors, R15, R17, and R18 (see
Figure 52) and driving the ADRF6702 serial interface through
the P3 4-pin header (P3 must be first installed, Samtec TSW-
104-08-G-S).
Figure 51 shows the opening window of the software where the
user selects the device being programmed. Figure 55 shows a
screen shot of the control software’s main controls with the
default settings displayed. The text box in the bottom left corner
provides an immediate indication of whether the software is
successfully communicating with the evaluation board. If the
evaluation board is connected to the PC via the USB cable
provided and the software is successfully communicating with
the on-board USB circuitry, this text box shows the following
message: ADRF6X0X eval board connected.
EVALUATION BOARD CONTROL SOFTWARE
USB-based programming software is available to download
from the ADRF6702 product page at www.analog.com
(Evaluation Board Software Rev 6.1.0). To install the software,
download and extract the zip file. Then run the following
installation file: ADRF6X0X_6p1p0_customer_installer.exe.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com