Electronic Components Datasheet Search
  English  ▼

X  

ADRF6704 Datasheet(PDF) 32 Page - Analog Devices

Part # ADRF6704
Description  1200 MHz to 2400 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6704 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADRF6704 Datasheet HTML 28Page - Analog Devices ADRF6704 Datasheet HTML 29Page - Analog Devices ADRF6704 Datasheet HTML 30Page - Analog Devices ADRF6704 Datasheet HTML 31Page - Analog Devices ADRF6704 Datasheet HTML 32Page - Analog Devices ADRF6704 Datasheet HTML 33Page - Analog Devices ADRF6704 Datasheet HTML 34Page - Analog Devices ADRF6704 Datasheet HTML 35Page - Analog Devices ADRF6704 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
ADRF6702
Data Sheet
Rev. B | Page 32 of 36
Table 11. Evaluation Board Configuration Options
Component
Description
Default Condition/Option
Settings
S1, R39, R40
LO select. Switch and resistors to ground LOSEL pin. The LOSEL
pin setting in combination with internal register settings,
determines whether the LOP/LON pins function as inputs or
outputs. With the LOSEL pin grounded, register settings can
set the LOP/LON pins to be inputs or outputs.
EXT LO, T3
LO input/output. An external 1× LO or 2× LO can be applied to
this single-ended input connector. Alternatively, the internal
1× or 2× LO can be brought out on this pin. The differential LO
signal on LOP and LON is converted to a single-ended signal
using a broadband 1:1 balun (Macom MABA-007159, 4.5 MHz
to 3000 MHz frequency range). The balun footprint on the
evaluation board is also designed to accommodate Johanson
baluns: 3600BL14M050 (1:1, 3.3 GHz to 3.9 GHz) and
3700BL15B050E (1:1, 3.4 GHz to 4 GHz).
T3 = Macom MABA-007159
EXT LO SMA connector = installed
REFIN SMA Connector, R73
Reference input. The input reference frequency for the PLL is
applied to this connector. Input resistance is set by R73 (49.9 Ω).
FREFIN = 153.6 MHz
R73 = 49.9 Ω
REFOUT SMA Connector, R16
Multiplexer output. The REFOUT connector connects directly
to the device’s MUXOUT pin. The on-board multiplexer can
be programmed to bring out the following signals:
REFIN, 2× REFIN, REFIN/2, REFIN/4,
Temperature sensor output voltage (VPTAT),
Lock detect indicator.
REFOUT SMA connector = open
R16 = open
CP Test Point, R38
Charge pump test point. The unfiltered charge pump signal
can be probed at this test point. Note that this pin should not
be probed during critical measurements such as phase noise.
CP = open
R38 = open
C13, C14, C15, C40R9, R10, R37, R65
Loop filter. Loop filter components.
See Table 8
R11, R12, R62, R63, VTUNE SMA
Connector
Internal vs. external VCO. When the internal VCO is enabled,
the loop filter components connect directly to the VTUNE pin
(Pin 39) by installing a 0 Ω resistor in R62. In addition, the loop
filter components should be returned to Pin 40 (DECL3) by
installing a 0 Ω resistor in R12.
To use an external VCO, R62 should be left open. A 0 Ω resistor
should be installed in R63, and the voltage input of the VCO
should be connected to the VTUNE SMA connector. The output
of the VCO is brought back into the PLL via the LO IN/OUT SMA
connector. In addition, the loop filter components should be
returned to ground by installing a 0 Ω resistor in R11.
Loop filter return.
R12 = 0 Ω (0402)
R11 = open (0402)
R62 = 0 Ω (0402)
R63 = open (0402)
VTUNE = open
R2
RSET. This pin is unused and should be left open.
R2 = open (0402)
R23, R3
Baseband input termination. Termination resistors for the
baseband filter of the DAC can be placed on R23 and R3. In
addition to terminating the baseband filters, these resistors
also scale down the baseband voltage from the DAC without
changing the bias level. These resistors are generally set in the
100 Ω to 300 Ω range.
R3 = R23 = open (0402)
P3 4-Pin Header, R15, R17, R18
USB circuitry bypass. The USB circuitry can be bypassed,
allowing for the serial port of the ADRF6702 to be driven
directly. P3 (Samtec TSW-104-08-G-S) must be installed, and
0 Ω resistors (R15, R17 and R18) must be removed.
P3 = open
R15, R17, R18 = 0 Ω (0402)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com