Electronic Components Datasheet Search
  English  ▼

X  

ADRF6704 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF6704
Description  1200 MHz to 2400 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6704 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF6704 Datasheet HTML 6Page - Analog Devices ADRF6704 Datasheet HTML 7Page - Analog Devices ADRF6704 Datasheet HTML 8Page - Analog Devices ADRF6704 Datasheet HTML 9Page - Analog Devices ADRF6704 Datasheet HTML 10Page - Analog Devices ADRF6704 Datasheet HTML 11Page - Analog Devices ADRF6704 Datasheet HTML 12Page - Analog Devices ADRF6704 Datasheet HTML 13Page - Analog Devices ADRF6704 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ADRF6702
Data Sheet
Rev. B | Page 10 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V; TA = 25°C; baseband I/Q amplitude = 1 V p-p differential sine waves in quadrature with a 500 mV dc bias; baseband I/Q
frequency (fBB) = 1 MHz; fPFD = 38.4 MHz; fREF = 153.6 MHz at +4 dBm Re:50 Ω (1 V p-p); 130 kHz loop filter, unless otherwise noted.
0
1
2
3
4
5
6
7
8
9
10
LO FREQUENCY (MHz)
1550 1600 1650 1700 1750 1800 1850 1900 1950 2000 2050 2100 2150
TA =–40°C
TA =+25°C
TA =+85°C
Figure 4. Single Sideband (SSB) Output Power (POUT) vs.
LO Frequency (fLO) and Temperature; Multiple Devices Shown
TA =–40°C
TA =+25°C
TA =+85°C
10
11
12
13
14
15
16
17
18
19
20
LO FREQUENCY (MHz)
1550 1600 1650 1700 1750 1800 1850 1900 1950 2000 2050 2100 2150
Figure 5. SSB Output 1dB Compression Point (OP1dB) vs. LO Frequency (fLO)
and Temperature; Multiple Devices Shown
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
BASEBAND INPUT VOLTAGE (V p-p Differential)
–20
–16
–12
–8
–4
0
4
8
12
16
20
0.1
1
10
SECOND-ORDER
DISTORTION (dBc)
THIRD-ORDER
DISTORTION (dBc)
CARRIER FEEDTHROUGH (dBm)
SIDEBAND
SUPPRESSION (dBc)
SSB OUTPUT
POWER (dBm)
Figure 6. SSB Output Power, Second- and Third-Order Distortion, Carrier
Feedthrough and Sideband Suppression vs. Baseband Differential Input
Voltage (fOUT = 1960 MHz)
0
1
2
3
4
5
6
7
8
9
10
1550 1600 1650 1700 1750 1800 1850 1900 1950 2000 2050 2100 2150
LO FREQUENCY (MHz)
VS =5V
VS =5.25V
VS =4.75V
Figure 7. Single Sideband (SSB) Output Power (POUT) vs.
LO Frequency (fLO) and Power Supply; Multiple Devices Shown
1550 1600 1650 1700 1750 1800 1850 1900 1950 2000 2050 2100 2150
10
11
12
13
14
15
16
17
18
19
20
LO FREQUENCY (MHz)
VS =5V VS =5.25V
VS =4.75V
Figure 8. SSB Output 1dB Compression Point (OP1dB) vs. LO Frequency (fLO)
and Power Supply
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
BASEBAND INPUT VOLTAGE (V p-p Differential)
–20
–16
–12
–8
–4
0
4
8
12
16
20
0.1
1
10
SECOND-ORDER
DISTORTION (dBc)
THIRD-ORDER
DISTORTION (dBc)
CARRIER
FEEDTHROUGH (dBm)
SSB OUTPUT
POWER (dBm)
SIDEBAND
SUPPRESSION (dBc)
Figure 9. SSB Output Power, Second- and Third-Order Distortion, Carrier
Feedthrough and Sideband Suppression vs. Baseband Differential Input
Voltage (fOUT = 2140 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com