Electronic Components Datasheet Search
  English  ▼

X  

11242 Datasheet(PDF) 102 Page - Freescale Semiconductor, Inc

Part # 11242
Description  Integrated Processor with DMA User s Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

11242 Datasheet(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button 11242 Datasheet HTML 98Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 99Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 100Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 101Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 102Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 103Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 104Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 105Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
4- 5
SOFTWARE
RESET
REQUEST or
IRQ7
HALT
RESET
BERR
SOFTWARE
WATCHDOG
PERIODIC
INTERRUPT TIMER
IRQ7-IRQ1
CLOCK
RESET
STATUS
2
PRESCALER
9
MODULE
CONFIGURATION
REQUEST
BUS
MONITOR
SPURIOUS
INTERRUPT MONITOR
DOUBLE BUS
FAULT MONITOR
Figure 4-2. System Configuration and Protection Function
4.2.2.1 SYSTEM CONFIGURATION. Aspects of the system configuration are controlled
by the MCR and the autovector register (AVR).
The configuration of port B is controlled by the combination of the FIRQ bit in the MCR
and the port B pin assignment register (PPARB). Port B pins can function as dedicated I/O
lines, chip selects, interrupts, or autovector input.
For debug purposes, internal bus accesses can be shown on the external bus. This
function is called show cycles. The SHEN1, SHEN0 bits in the MCR control show cycles.
Bus arbitration can be either enabled or disabled during show cycles.
Arbitration for servicing interrupts is controlled by the value programmed into the interrupt
arbitration (IARB) field of the MCR. Each module that generates interrupts, including the
SIM40, has an IARB field. The value of the IARB field allows arbitration during an IACK
cycle among modules that simultaneously generate the same interrupt level. No two
modules should share the same IARB value. The IARB must contain a value other than $0
for all modules that can generate interrupts; interrupts with IARB = 0 are discarded as
extraneous. The SIM40 arbitrates for both its own interrupts and externally generated
interrupts.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com