Electronic Components Datasheet Search
  English  ▼

X  

EP3SE50 Datasheet(PDF) 75 Page - Altera Corporation

Part # EP3SE50
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE50 Datasheet(HTML) 75 Page - Altera Corporation

Back Button EP3SE50 Datasheet HTML 71Page - Altera Corporation EP3SE50 Datasheet HTML 72Page - Altera Corporation EP3SE50 Datasheet HTML 73Page - Altera Corporation EP3SE50 Datasheet HTML 74Page - Altera Corporation EP3SE50 Datasheet HTML 75Page - Altera Corporation EP3SE50 Datasheet HTML 76Page - Altera Corporation EP3SE50 Datasheet HTML 77Page - Altera Corporation EP3SE50 Datasheet HTML 78Page - Altera Corporation EP3SE50 Datasheet HTML 79Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–65
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–49 and Table 1–50 list the EP3SL50 regional clock (RCLK) adder values that
must be added to the GCLK values. Use these adder values to determine I/O timing
when the I/O pin is driven using the regional clock. This applies to all I/O standards
supported by Stratix III devices.
Table 1–49 lists the EP3SL50 column pin delay adders when using the regional clock.
Table 1–50 lists the EP3SL50 row pin delay adders when using the regional clock.
DIFFERENTIAL
2.5-V
SSTL CLASS II
16mA
GCLK
tco
3.076
3.311
4.709
5.123
5.649
5.505
5.704
5.258
5.787 5.643
5.772
ns
GCLK
PLL
t
co
3.062
3.295
4.686
5.099
5.624
5.480
5.679
5.234
5.762 5.618
5.747
ns
Table 1–48. EP3SL50 Row Pins Output Timing Parameters (Part 4 of 4)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
Table 1–49. EP3SL50 Column Pin Delay Adders for Regional Clock
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
RCLK input adder
0.239
0.258
0.341
0.365
0.39
0.377
0.439
0.375
0.399
0.388
0.441
ns
RCLK PLL input adder
0.008
0.009
0.014
0.017
0.019
0.017
0.02
0.018
0.019
0.017
0.02
ns
RCLK output adder
-0.068
-0.07
-0.09
-0.092
-0.094
-0.091 -0.169 -0.086 -0.087
-0.09
-0.17
ns
RCLK PLL output adder
1.614
1.649
2.575
2.89
3.164
3.011
3.22
2.908
3.217
3.063
3.338
ns
Table 1–50. EP3SL50 Row Pin Delay Adders for Regional Clock
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
RCLK input adder
0.111
0.124
0.178
0.193
0.208
0.2
0.263
0.197
0.213
0.203
0.266
ns
RCLK PLL input adder
0.101
0.107
0.156
0.174
0.194
0.184
0.251
0.177
0.196
0.188
0.249
ns
RCLK output adder
-0.113
-0.127
-0.181 -0.196 -0.213 -0.205 -0.271 -0.199 -0.217 -0.209 -0.273
ns
RCLK PLL output adder
-0.107
-0.113
-0.164 -0.185 -0.213
-0.2
-0.266 -0.184 -0.212 -0.198 -0.262
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com