Electronic Components Datasheet Search
  English  ▼

X  

EP3SE50 Datasheet(PDF) 16 Page - Altera Corporation

Part # EP3SE50
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE50 Datasheet(HTML) 16 Page - Altera Corporation

Back Button EP3SE50 Datasheet HTML 12Page - Altera Corporation EP3SE50 Datasheet HTML 13Page - Altera Corporation EP3SE50 Datasheet HTML 14Page - Altera Corporation EP3SE50 Datasheet HTML 15Page - Altera Corporation EP3SE50 Datasheet HTML 16Page - Altera Corporation EP3SE50 Datasheet HTML 17Page - Altera Corporation EP3SE50 Datasheet HTML 18Page - Altera Corporation EP3SE50 Datasheet HTML 19Page - Altera Corporation EP3SE50 Datasheet HTML 20Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 341 page
background image
1–6
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
Electrical Characteristics
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
On-Chip Termination (OCT) Specifications
If you enable OCT calibration, calibration is automatically performed at power-up for
the I/Os connected to the calibration block. Table 1–7 lists the Stratix III OCT
calibration block accuracy specifications.
High overdrive
current
IODH
0V <V
IN <VCCIO
—
-120
—
-160
—
-200
—
-300
—
-500
µA
Bus-hold trip
point
VTRIP
—
0.45
0.95
0.50
1.00
0.68
1.07
0.70
1.70
0.80
2.00
V
Table 1–6. Bus Hold Parameters for Stratix III Devices (Part 2 of 2)
Parameter
Symbol
Conditions
V
CCIO
Unit
1.2 V
1.5 V
1.8 V
2.5 V
3.0 V/3.3 V
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Table 1–7. On-Chip Termination Calibration Accuracy Specifications for Stratix III Devices (Note 1)
Symbol
Description
Conditions
Calibration
Accuracy
Unit
C2
C3,
I3
C4,
I4
25-
 R
S (2)
3.3, 3.0, 2.5, 1.8, 1.5, 1.2
Internal series termination with
calibration (25-
 setting)
V
CCIO =
3.3, 3.0, 2.5, 1.8, 1.5, 1.2 V
±8
±8
±8
%
50-
 R
S
3.3, 3.0, 2.5, 1.8, 1.5, 1.2
Internal series termination with
calibration (50-
 setting)
V
CCIO =
3.3, 3.0, 2.5, 1.8, 1.5, 1.2 V
±8
±8
±8
%
50-
 R
T 2.5, 1.8, 1.5, 1.2
Internal parallel termination with
calibration (50-
 setting)
V
CCIO = 2.5, 1.8, 1.5, 1.2 V
±10
±10
±10
%
20-
R
S to 60-RS
3.3, 3.0, 2.5, 1.8, 1.5, 1.2
Expanded range for internal
series termination with
calibration
(Between 20-
 to 60-setting)
V
CCIO =
3.3, 3.0, 2.5, 1.8, 1.5, 1.2 V
(3)
±10
±10
±10
%
25-
 R
S _left_shift
Internal left shift series
termination with calibration
(25-
 R
S _left_shift setting)
V
CCIO =
3.3, 3.0, 2.5, 1.8, 1.5, 1.2 V
±10
±10
±10
%
R
OCT_CAL
Internal series termination with
calibration
(4)
Notes to Table 1–7:
(1) OCT calibration accuracy is valid at the time of calibration only.
(2) 25-
R
S not supported for 1.5 V and 1.2 V in Row I/O.
(3) 1.5 V and 1.2 V only supports 40-
to 60-expanded range.
(4) For resistance tolerance after power-up calibration, refer to Equation 1–1 and Table 1–9 on page 1–8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com