Electronic Components Datasheet Search
  English  ▼

X  

EP3SE50 Datasheet(PDF) 85 Page - Altera Corporation

Part # EP3SE50
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE50 Datasheet(HTML) 85 Page - Altera Corporation

Back Button EP3SE50 Datasheet HTML 81Page - Altera Corporation EP3SE50 Datasheet HTML 82Page - Altera Corporation EP3SE50 Datasheet HTML 83Page - Altera Corporation EP3SE50 Datasheet HTML 84Page - Altera Corporation EP3SE50 Datasheet HTML 85Page - Altera Corporation EP3SE50 Datasheet HTML 86Page - Altera Corporation EP3SE50 Datasheet HTML 87Page - Altera Corporation EP3SE50 Datasheet HTML 88Page - Altera Corporation EP3SE50 Datasheet HTML 89Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–75
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
SSTL-18
CLASS II
8mA
GCLK
tco
3.020
3.020
4.262
4.621
5.087
4.966
5.174
4.621
5.087
4.966
5.174
ns
GCLK
PLL
t
co
3.346
3.346
4.746
5.150
5.684
5.541
5.866
5.150
5.684
5.541
5.866
ns
16mA
GCLK
tco
3.022
3.022
4.269
4.630
5.099
4.978
5.186
4.630
5.099
4.978
5.186
ns
GCLK
PLL
t
co
3.349
3.349
4.754
5.159
5.696
5.553
5.889
5.159
5.696
5.553
5.889
ns
SSTL-15
CLASS I
4mA
GCLK
t
co
3.042
3.042
4.297
4.659
5.129
5.008
5.216
4.659
5.129
5.008
5.216
ns
GCLK
PLL
t
co
3.370
3.370
4.781
5.189
5.726
5.583
5.908
5.189
5.726
5.583
5.908
ns
6mA
GCLK
t
co
3.030
3.030
4.287
4.650
5.120
4.999
5.207
4.650
5.120
4.999
5.207
ns
GCLK
PLL
t
co
3.356
3.356
4.771
5.179
5.717
5.574
5.894
5.179
5.717
5.574
5.894
ns
8mA
GCLK
t
co
3.018
3.018
4.273
4.636
5.106
4.985
5.193
4.636
5.106
4.985
5.193
ns
GCLK
PLL
t
co
3.345
3.345
4.757
5.165
5.703
5.560
5.879
5.165
5.703
5.560
5.879
ns
10mA
GCLK
t
co
3.017
3.017
4.275
4.639
5.110
4.989
5.197
4.639
5.110
4.989
5.197
ns
GCLK
PLL
tco
3.344
3.344
4.760
5.168
5.707
5.564
5.876
5.168
5.707
5.564
5.876
ns
12mA
GCLK
t
co
3.014
3.014
4.270
4.633
5.104
4.983
5.191
4.633
5.104
4.983
5.191
ns
GCLK
PLL
tco
3.341
3.341
4.755
5.163
5.701
5.558
5.870
5.163
5.701
5.558
5.870
ns
SSTL-15
CLASS II
8mA
GCLK
t
co
3.016
3.016
4.260
4.620
5.087
4.966
5.174
4.620
5.087
4.966
5.174
ns
GCLK
PLL
t
co
3.343
3.343
4.744
5.149
5.684
5.541
5.867
5.149
5.684
5.541
5.867
ns
16mA
GCLK
t
co
3.019
3.019
4.267
4.628
5.098
4.977
5.185
4.628
5.098
4.977
5.185
ns
GCLK
PLL
t
co
3.346
3.346
4.751
5.158
5.695
5.552
5.891
5.158
5.695
5.552
5.891
ns
Table 1–53. EP3SL70 Column Pins Output Timing Parameters (Part 5 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com