Electronic Components Datasheet Search
  English  ▼

X  

EP3SE50 Datasheet(PDF) 76 Page - Altera Corporation

Part # EP3SE50
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE50 Datasheet(HTML) 76 Page - Altera Corporation

Back Button EP3SE50 Datasheet HTML 72Page - Altera Corporation EP3SE50 Datasheet HTML 73Page - Altera Corporation EP3SE50 Datasheet HTML 74Page - Altera Corporation EP3SE50 Datasheet HTML 75Page - Altera Corporation EP3SE50 Datasheet HTML 76Page - Altera Corporation EP3SE50 Datasheet HTML 77Page - Altera Corporation EP3SE50 Datasheet HTML 78Page - Altera Corporation EP3SE50 Datasheet HTML 79Page - Altera Corporation EP3SE50 Datasheet HTML 80Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 341 page
background image
1–66
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
EP3SL70 I/O Timing Parameters
Table 1–51 through Table 1–54 list the maximum I/O timing parameters for EP3SL70
devices for single-ended I/O standards.
Table 1–51 lists the EP3SL70 column pins input timing parameters for single-ended
I/O standards.
Table 1–51. EP3SL70 Column Pins Input Timing Parameters (Part 1 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
3.3-V LVTTL
GCLK
t
su
-0.812
-0.811
-1.154 -1.261 -1.312
-1.266 -1.645 -1.261 -1.312 -1.266 -1.645
ns
t
h
0.934
0.934
1.327
1.457
1.533
1.475
1.850
1.457
1.533
1.475
1.850
ns
GCLK
PLL
t
su
-0.965
-0.965
-1.395 -1.522 -1.763
-1.703 -2.094 -1.522 -1.763 -1.703 -2.094
ns
t
h
1.216
1.216
1.764
1.937
2.222
2.138
2.540
1.937
2.222
2.138
2.540
ns
3.3-V
LVCMOS
GCLK
t
su
-0.812
-0.811
-1.154 -1.261 -1.312
-1.266 -1.645 -1.261 -1.312 -1.266 -1.645
ns
t
h
0.934
0.934
1.327
1.457
1.533
1.475
1.850
1.457
1.533
1.475
1.850
ns
GCLK
PLL
t
su
-0.965
-0.965
-1.395 -1.522 -1.763
-1.703 -2.094 -1.522 -1.763 -1.703 -2.094
ns
t
h
1.216
1.216
1.764
1.937
2.222
2.138
2.540
1.937
2.222
2.138
2.540
ns
3.0-V LVTTL
GCLK
t
su
-0.823
-0.822
-1.153 -1.263 -1.311
-1.265 -1.644 -1.263 -1.311 -1.265 -1.644
ns
t
h
0.945
0.945
1.326
1.459
1.532
1.474
1.849
1.459
1.532
1.474
1.849
ns
GCLK
PLL
t
su
-0.976
-0.976
-1.394 -1.524 -1.762
-1.702 -2.093 -1.524 -1.762 -1.702 -2.093
ns
t
h
1.227
1.227
1.763
1.939
2.221
2.137
2.539
1.939
2.221
2.137
2.539
ns
3.0-V
LVCMOS
GCLK
t
su
-0.823
-0.822
-1.153 -1.263 -1.311
-1.265 -1.644 -1.263 -1.311 -1.265 -1.644
ns
t
h
0.945
0.945
1.326
1.459
1.532
1.474
1.849
1.459
1.532
1.474
1.849
ns
GCLK
PLL
t
su
-0.976
-0.976
-1.394 -1.524 -1.762
-1.702 -2.093 -1.524 -1.762 -1.702 -2.093
ns
t
h
1.227
1.227
1.763
1.939
2.221
2.137
2.539
1.939
2.221
2.137
2.539
ns
2.5 V
GCLK
t
su
-0.818
-0.817
-1.162 -1.275 -1.330
-1.284 -1.663 -1.275 -1.330 -1.284 -1.663
ns
t
h
0.940
0.940
1.335
1.471
1.551
1.493
1.868
1.471
1.551
1.493
1.868
ns
GCLK
PLL
t
su
-0.971
-0.971
-1.403 -1.536 -1.781
-1.721 -2.112 -1.536 -1.781 -1.721 -2.112
ns
t
h
1.222
1.222
1.772
1.951
2.240
2.156
2.558
1.951
2.240
2.156
2.558
ns
1.8 V
GCLK
t
su
-0.840
-0.839
-1.202 -1.311 -1.328
-1.282 -1.661 -1.311 -1.328 -1.282 -1.661
ns
t
h
0.964
0.964
1.375
1.507
1.549
1.491
1.866
1.507
1.549
1.491
1.866
ns
GCLK
PLL
t
su
-0.993
-0.993
-1.443 -1.572 -1.779
-1.719 -2.110 -1.572 -1.779 -1.719 -2.110
ns
t
h
1.246
1.246
1.812
1.987
2.238
2.154
2.556
1.987
2.238
2.154
2.556
ns
1.5 V
GCLK
t
su
-0.830
-0.829
-1.179 -1.279 -1.258
-1.212 -1.591 -1.279 -1.258 -1.212 -1.591
ns
t
h
0.954
0.954
1.352
1.475
1.479
1.421
1.796
1.475
1.479
1.421
1.796
ns
GCLK
PLL
t
su
-0.983
-0.983
-1.420 -1.540 -1.709
-1.649 -2.040 -1.540 -1.709 -1.649 -2.040
ns
t
h
1.236
1.236
1.789
1.955
2.168
2.084
2.486
1.955
2.168
2.084
2.486
ns
1.2 V
GCLK
t
su
-0.778
-0.777
-1.102 -1.180 -1.102
-1.056 -1.435 -1.180 -1.102 -1.056 -1.435
ns
t
h
0.902
0.902
1.275
1.376
1.323
1.265
1.640
1.376
1.323
1.265
1.640
ns
GCLK
PLL
t
su
-0.931
-0.931
-1.343 -1.441 -1.553
-1.493 -1.884 -1.441 -1.553 -1.493 -1.884
ns
t
h
1.184
1.184
1.712
1.856
2.012
1.928
2.330
1.856
2.012
1.928
2.330
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com