Electronic Components Datasheet Search
  English  ▼

X  

EP3SE50 Datasheet(PDF) 91 Page - Altera Corporation

Part # EP3SE50
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE50 Datasheet(HTML) 91 Page - Altera Corporation

Back Button EP3SE50 Datasheet HTML 87Page - Altera Corporation EP3SE50 Datasheet HTML 88Page - Altera Corporation EP3SE50 Datasheet HTML 89Page - Altera Corporation EP3SE50 Datasheet HTML 90Page - Altera Corporation EP3SE50 Datasheet HTML 91Page - Altera Corporation EP3SE50 Datasheet HTML 92Page - Altera Corporation EP3SE50 Datasheet HTML 93Page - Altera Corporation EP3SE50 Datasheet HTML 94Page - Altera Corporation EP3SE50 Datasheet HTML 95Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–81
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
1.8-V
HSTL
CLASS I
4mA
GCLK
tco
3.021
3.241
4.580
4.964 5.472
5.336 5.548
5.097 5.606 5.471
5.617
ns
GCLK
PLL
t
co
1.314
1.486
1.882
1.968 2.156
2.174 2.121
2.098 2.302 2.319
2.110
ns
6mA
GCLK
t
co
3.014
3.229
4.571
4.963 5.471
5.335 5.547
5.096 5.606 5.471
5.617
ns
GCLK
PLL
tco
1.302
1.480
1.880
1.967 2.148
2.166 2.113
2.090 2.295 2.312
2.103
ns
8mA
GCLK
t
co
3.005
3.217
4.563
4.956 5.464
5.328 5.540
5.089 5.599 5.464
5.610
ns
GCLK
PLL
t
co
1.289
1.472
1.873
1.960 2.140
2.158 2.105
2.082 2.287 2.304
2.095
ns
10mA
GCLK
t
co
3.008
3.219
4.565
4.959 5.468
5.332 5.544
5.092 5.602 5.467
5.613
ns
GCLK
PLL
t
co
1.292
1.474
1.876
1.963 2.143
2.161 2.108
2.085 2.290 2.307
2.098
ns
12mA
GCLK
tco
3.004
3.214
4.563
4.962 5.471
5.335 5.547
5.095 5.607 5.472
5.618
ns
GCLK
PLL
t
co
1.288
1.471
1.878
1.966 2.143
2.161 2.108
2.085 2.291 2.308
2.099
ns
1.8-V
HSTL
CLASS II
16mA
GCLK
t
co
3.012
3.218
4.558
4.959 5.467
5.331 5.543
5.091 5.601 5.466
5.612
ns
GCLK
PLL
t
co
1.296
1.479
1.876
1.963 2.134
2.152 2.099
2.078 2.280 2.297
2.088
ns
1.5-V
HSTL
CLASS I
4mA
GCLK
t
co
3.027
3.248
4.591
4.974 5.483
5.347 5.559
5.106 5.617 5.482
5.628
ns
GCLK
PLL
t
co
1.321
1.492
1.891
1.978 2.171
2.189 2.136
2.110 2.316 2.333
2.124
ns
6mA
GCLK
t
co
3.021
3.238
4.587
4.976 5.485
5.349 5.561
5.108 5.620 5.485
5.631
ns
GCLK
PLL
t
co
1.309
1.487
1.892
1.980 2.167
2.185 2.132
2.107 2.313 2.330
2.121
ns
8mA
GCLK
tco
3.017
3.233
4.581
4.971 5.480
5.344 5.556
5.103 5.614 5.479
5.625
ns
GCLK
PLL
t
co
1.305
1.483
1.887
1.975 2.161
2.179 2.126
2.101 2.307 2.324
2.115
ns
1.2-V
HSTL
CLASS I
4mA
GCLK
t
co
3.029
3.247
4.602
4.990 5.502
5.366 5.578
5.122 5.636 5.501
5.647
ns
GCLK
PLL
t
co
1.320
1.494
1.904
1.994 2.189
2.207 2.154
2.124 2.333 2.350
2.141
ns
6mA
GCLK
t
co
3.020
3.235
4.591
4.981 5.493
5.357 5.569
5.113 5.627 5.492
5.638
ns
GCLK
PLL
t
co
1.308
1.486
1.895
1.985 2.177
2.195 2.142
2.113 2.322 2.339
2.130
ns
8mA
GCLK
t
co
3.019
3.233
4.595
4.989 5.502
5.366 5.578
5.122 5.637 5.502
5.648
ns
GCLK
PLL
t
co
1.305
1.486
1.902
1.993 2.183
2.201 2.148
2.119 2.329 2.346
2.137
ns
3.0-V PCI
—
GCLK
tco
3.076
3.300
4.588
4.978 5.480
5.342 5.550
5.105 5.610 5.474
5.621
ns
GCLK
PLL
t
co
1.429
1.614
1.966
2.045 2.237
2.256 2.174
2.160 2.357 2.374
2.165
ns
3.0-V
PCI-X
—
GCLK
t
co
3.076
3.300
4.588
4.978 5.480
5.342 5.550
5.105 5.610 5.474
5.621
ns
GCLK
PLL
t
co
1.429
1.614
1.966
2.045 2.237
2.256 2.174
2.160 2.357 2.374
2.165
ns
Table 1–54. EP3SL70 Row Pins Output Timing Parameters (Part 4 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com