Electronic Components Datasheet Search
  English  ▼

X  

LM5060 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5060
Description  LM5060 High-Side Protection Controller with Low Quiescent Current
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5060 Datasheet(HTML) 4 Page - Texas Instruments

  LM5060 Datasheet HTML 1Page - Texas Instruments LM5060 Datasheet HTML 2Page - Texas Instruments LM5060 Datasheet HTML 3Page - Texas Instruments LM5060 Datasheet HTML 4Page - Texas Instruments LM5060 Datasheet HTML 5Page - Texas Instruments LM5060 Datasheet HTML 6Page - Texas Instruments LM5060 Datasheet HTML 7Page - Texas Instruments LM5060 Datasheet HTML 8Page - Texas Instruments LM5060 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LM5060
SNVS628F – OCTOBER 2009 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
Unless otherwise stated the following conditions apply: VIN = 14V, EN =2.00V, UVLO =2.00V, OVP = 1.50V, and TJ = 25°C.
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the operating junction temperature (TJ)
range of -40°C to +125°C. Minimum and Maximum limits are ensured through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN Pin
IIN-EN
Input Current, Enabled Mode
-
1.4
1.7
mA
IIN-DIS
Input Current, Disabled Mode
EN = 0.50V
-
9
15
µA
IIN-STB
Input Current, Standby Mode
UVLO = 0.00V
-
0.56
0.80
mA
POREN
Power On Reset Threshold at VIN
VIN Rising
-
5.1
5.46
V
POREN-HYS
POREN Hysteresis
VIN Falling
-
500
-
mV
OUT Pin
IOUT-EN
OUT Pin Bias Current, Enabled
OUT = VIN, Normal Operation
5.0
8
11.0
µA
IOUT-DIS
OUT Pin Leakage Current, Disabled(1)
Disabled, OUT = 0V, SENSE = VIN
-
0
-
μA
SENSE Pin
ISENSE
Threshold Programming Current
SENSE Pin Bias Current
13.6
16
18.0
µA
VOFFSET
VDS Comparator Offset Voltage
SENSE - OUT Voltage for Fault Detection
-7.0
0
7.0
mV
IRATIO
ISENSE and IOUT-EN Current Ratio
ISENSE / IOUT-EN
1.70
2.0
2.30
OVP Input
OVPTH
OVP Threshold
OVP Pin Threshold Voltage Rising
1.88
2.0
2.12
V
OVPHYS
OVP Hysteresis
-
240
-
mV
OVPDEL
OVP Delay Time
Delay from OVP Pin > OVPTH to GATE low
-
9.6
-
µs
OVPBIAS
OVP Pin Bias Current
OVP = 1.9V
-
0
0.50
µA
UVLO Input
UVLOTH
UVLO Threshold
UVLO Pin Threshold Voltage Rising
1.45
1.6
1.75
V
UVLOHYS
UVLO Hysteresis
120
180
230
mV
UVLOBIAS
UVLO Pin Pull-Down Current
3.8
5.5
7.2
µA
EN Input
ENTHH
High-level input voltage
2.00
-
-
V
ENTHL
Low-level input voltage
-
-
0.80
V
ENHYS
EN Threshold Hysteresis
-
200
-
mV
ENBIAS
EN Pin Pull-down current
-
6
8.0
µA
Gate Control (GATE Pin)
Gate Charge (Sourcing) Current
IGATE
On-state
17
24
31
µA
On-state
Gate Discharge (Sinking) Current
IGATE-OFF
UVLO = 0.00V
-
2.2
-
mA
Off state
Gate Discharge (Sinking) Current
IGATE-FLT
OUT < SENSE
-
80
-
mA
Fault state
Gate output voltage in normal
GATE - VIN Voltage
VGATE
10
12
14
V
operation
GATE Pin Open
VGS Status Comparator Threshold
GATE - OUT threshold voltage for TIMER
VGATE-TH
3.50
5
6.50
V
voltage
voltage reset and TIMER current change
Zener Clamp between GATE Pin and
VGATE-CLAMP
IGATE-CLAMP = 0.1mA
-
16.8
-
V
OUT Pin
(1)
The GATE pin voltage is typically 12V above the VIN pin when the LM5060 is enabled. Therefore, the Absolute Maximum Rating for VIN
(75V) applies only when the LM5060 is disabled, or for a momentary surge to that voltage since the Absolute Maximum Rating for the
GATE pin is also 75V.
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM5060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com