Electronic Components Datasheet Search
  English  ▼

X  

LM5060 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5060
Description  LM5060 High-Side Protection Controller with Low Quiescent Current
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5060 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5060 Datasheet HTML 9Page - Texas Instruments LM5060 Datasheet HTML 10Page - Texas Instruments LM5060 Datasheet HTML 11Page - Texas Instruments LM5060 Datasheet HTML 12Page - Texas Instruments LM5060 Datasheet HTML 13Page - Texas Instruments LM5060 Datasheet HTML 14Page - Texas Instruments LM5060 Datasheet HTML 15Page - Texas Instruments LM5060 Datasheet HTML 16Page - Texas Instruments LM5060 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
LM5060
www.ti.com
SNVS628F – OCTOBER 2009 – REVISED APRIL 2013
FAULT TIMER
An external capacitor connected from the TIMER pin to the GND pin sets the fault detection delay time. If the
voltage on the TIMER capacitor reaches the VTMRH threshold (2V typical) a fault condition is indicated. The
LM5060 will latch off the MOSFET by discharging the GATE pin at a 80mA (typical) rate, and will remain latched
off until either the EN pin, the UVLO pin, or the VIN pin is toggled low and then high.
The block diagram of the LM5060 shows the details of the TIMER pin. There are three relevant components to
the TIMER pin’s function:
1. A constant 6 µA (typical) current source driving the TIMER pin. This current source is active when EN,
UVLO, and VIN are all high.
2. A second current source (5 µA typical) is activated, for a total charge current of 11 µA (typical), only when
the VGS sequence has completed successfully.
3. A pull-down current sink for the TIMER pin which resets the timer by discharging the timer capacitor. If EN,
UVLO or VIN is low, or when OVP is high, the timer capacitor is discharged.
(a) When the VDS Fault Comparator detects a fault, (SENSE pin voltage higher than OUT pin voltage) the
timer capacitor pull down is disabled and the timer capacitor is allowed to charge at the 11 µA (typical)
rate.
During Start-Up, the timer behaves as follows:
After applying sufficient system voltage and enabling the LM5060 by pulling the EN and UVLO pins high, the
timer capacitor will be charged with a 6 µA (typical) current source. The timer capacitor is discharged when the
voltage difference between the GATE pin and the OUT pin (i.e. VGS of the external N-Channel MOSFET)
reaches the VGATE-TH threshold (typically 5V). After discharging, the timer capacitor is charged with 11 µA until
either the VTMRH threshold (typically 2V) is reached, or the sensed VDS voltage falls below the threshold of the
VDS Fault Comparator, indicating the output voltage has reached the desired steady state level. The timer
capacitor voltage waveforms are illustrated in Figure 22, Figure 23 and Figure 24.
A timer capacitor is always necessary to allow some finite amount of time for the gate to charge and the output
voltage to rise during startup. If an adequate timer capacitor value is not used, then the 6 µA of charge current
would cause the TIMER pin voltage to reach the VTMRH fault threshold (typically 2V) prematurely and the LM5060
will latch off since a fault condition would have been indicated.
Although not recommended, the timer function can be disabled by connecting the TIMER pin directly to GND.
With this condition the TIMER pin voltage will never reach the VTMRH fault threshold (2V typical). The end result is
that the fault latch-off protection is completely disabled, while the nPGD pin will continue to reflect the VDS Fault
Comparator output.
VGS CONSIDERATIONS
The VGS Status Comparator shown in the LM5060 block diagram accomplishes two purposes:
1. As the gate of the external MOSFET is charged, the VGS voltage transitions from cut-off, through an active
region, and into the ohmic region. The LM5060 provides two fault timer modes to monitor these transitions.
The TIMER pin capacitor is initially charged with a constant 6 µA (typical) until either the MOSFET VGS
reaches the VGATE–TH threshold (typically 5V) indicating that the MOSFET channel is at least somewhat
enhanced, or the voltage on the TIMER pin reaches the VTMRH threshold (typically 2V) indicating a fault
condition. If the MOSFET VGS reaches 5V threshold before the TIMER pin reaches the typical 2V timer fault
threshold, the timer capacitor is then discharged to 300 mV, and then begins charging with 11 µA current
source while the MOSFET transitions through the active region. The lower timer capacitor charge current
during the initial start-up sequence allows more time before a fault is indicated. The turn-on time of the
MOSFET will vary with input voltage, load capacitance, load resistance, as well as the MOSFET
characteristics.
2. Figure 23 shows a start-up waveform with excessive gate leakage. The initial charge current on the timer
capacitor is 6 µA (typical), while the simultaneous charge current to the gate is 24 µA (typical). Due to
excessive gate leakage, the 24 µA is not able to charge the gate to the required typical 5V VGS threshold and
the VDS Fault Comparator will indicate a fault when the timer capacitor is charged to the VTMRH fault
threshold. When the timer capacitor voltage reaches theVTMRH fault threshold (typically 2V) the MOSFET
gate is discharged at an 80 mA (typical) rate.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com