Electronic Components Datasheet Search
  English  ▼

X  

LM5060 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5060
Description  LM5060 High-Side Protection Controller with Low Quiescent Current
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5060 Datasheet(HTML) 3 Page - Texas Instruments

  LM5060 Datasheet HTML 1Page - Texas Instruments LM5060 Datasheet HTML 2Page - Texas Instruments LM5060 Datasheet HTML 3Page - Texas Instruments LM5060 Datasheet HTML 4Page - Texas Instruments LM5060 Datasheet HTML 5Page - Texas Instruments LM5060 Datasheet HTML 6Page - Texas Instruments LM5060 Datasheet HTML 7Page - Texas Instruments LM5060 Datasheet HTML 8Page - Texas Instruments LM5060 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
LM5060
www.ti.com
SNVS628F – OCTOBER 2009 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
VIN to GND
(3) (4)
-0.3V to 75V
SENSE, OUT to GND(5)
-0.3V to 75V
GATE to GND(3)(5)
-0.3V to 75V
EN, UVLO to GND(4)
-0.3V to 75V
nPGD, OVP to GND
-0.3V to 75V
TIMER to GND
-0.3V to 7V
ESD Rating, HBM(6)
2 kV
Storage Temperature
−65°C to + 150°C
Peak Reflow Temperature(7)
260°C
Junction Temperature
150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including in-operability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. Operating Range conditions indicate
the conditions at which the device is functional and the device should not be operated beyond such conditions. For ensured
specifications and conditions, see the Electrical Characteristics table.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
The GATE pin voltage is typically 12V above the VIN pin when the LM5060 is enabled. Therefore, the Absolute Maximum Rating for VIN
(75V) applies only when the LM5060 is disabled, or for a momentary surge to that voltage since the Absolute Maximum Rating for the
GATE pin is also 75V.
(4)
The minimum voltage of -1V is allowed if the current is limited to below -25 mA. Also it is assumed that the negative voltage on the pins
only occur during reverse battery condition when a positive supply voltage (Vin) is not applied.
(5)
The minimum voltage of -25V is allowed if the current is limited to below -25 mA. Also it is assumed that the negative voltage on the
pins only occur during reverse battery condition when a positive supply voltage (VIN) is not applied.
(6)
The Human Body Model (HBM) is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. Applicable standard is JESD-
22–A114–C.
(7)
Soldering process must comply with Texas Instruments' Reflow Temperature Profile specifications. Reflow temperature profiles are
different for lead-free and non-lead-free packages. Refer to the Packaging Data Book available from Texas Instruments, or :
www.ti.com/packaging
Operating Ratings
(1)
VIN Supply Voltage
5.5V to 65V
EN Voltage
0.0V to 65V
UVLO Voltage
0.0V to 65V
nPGD Off Voltage
0V to 65V
nPGD Sink Current
0mA to 5mA
Junction Temperature Range
−40°C to + 125°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including in-operability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. Operating Range conditions indicate
the conditions at which the device is functional and the device should not be operated beyond such conditions. For ensured
specifications and conditions, see the Electrical Characteristics table.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com