Electronic Components Datasheet Search
  English  ▼

X  

LM5060 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5060
Description  LM5060 High-Side Protection Controller with Low Quiescent Current
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5060 Datasheet(HTML) 2 Page - Texas Instruments

  LM5060 Datasheet HTML 1Page - Texas Instruments LM5060 Datasheet HTML 2Page - Texas Instruments LM5060 Datasheet HTML 3Page - Texas Instruments LM5060 Datasheet HTML 4Page - Texas Instruments LM5060 Datasheet HTML 5Page - Texas Instruments LM5060 Datasheet HTML 6Page - Texas Instruments LM5060 Datasheet HTML 7Page - Texas Instruments LM5060 Datasheet HTML 8Page - Texas Instruments LM5060 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
1
2
3
4
5
10
9
8
7
6
OVP
GND
TIMER
OUT
VIN
SENSE
GATE
EN
UVLO
nPGD
LM5060
SNVS628F – OCTOBER 2009 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Figure 1. 10-Lead VSSOP
See Package Number DGS0010A
PIN DESCRIPTIONS
Pin
Name
Description
Applications Information
No.
A constant current sink (16
μA typical) at the SENSE pin flows through an external resistor to set
1
SENSE
Input Voltage Sense
the threshold for fault detection.
The operating voltage range is 5.5V to 65V. The internal power-on-reset (POR) circuit typically
2
VIN
Supply Voltage Input
switches to the active state when the VIN pin is greater than 5.1V. A small ceramic bypass
capacitor close to this pin is recommended to suppress noise.
An external resistor divider from the system input voltage sets the Over-Voltage turn-off
Over-Voltage
threshold. The GATE pin is pulled low when OVP exceeds the typical 2.0V threshold, but the
3
OVP
Protection Comparator
controller is not latched off. Normal operation resumes when the OVP pin falls below typically
Input
1.76V.
The UVLO pin is used as an input Under-Voltage Lock-Out by connecting this pin to a resistor
divider between input supply voltage and ground. The UVLO comparator is activated when EN is
Under-Voltage Lock-
4
UVLO
high. A voltage greater than typically 1.6V at the UVLO pin will release the pull down devices on
Out Comparator Input
the GATE pin and allow the output to gradually rise. A constant current sink (5.5 µA typical) is
provided to ensure the UVLO pin is low in an open circuit condition.
A voltage less than 0.8V on the EN pin switches the LM5060 to a low current shutdown state. A
voltage greater than 2.0V on the EN pin enables the internal bias circuitry and the UVLO
5
EN
Enable Input
comparator. The GATE pin pull-up bias is enabled when both EN and UVLO are in the high
state. A constant current sink (6 µA typical) is provided to ensure the EN pin is low in an open
circuit condition.
6
GND
Circuit ground
An external capacitor connected to this pin sets the VDS fault detection delay time. If the TIMER
7
TIMER
Timing capacitor
pin exceeds the 2.0V threshold condition, the LM5060 will latch off the MOSFET and remain off
until either the EN, UVLO or VIN (POR) input is toggled low and then high.
An open drain output. When the external MOSFET VDS decreases such that the OUT pin voltage
8
nPGD
Fault Status
exceeds the SENSE pin voltage, the nPGD indicator is active (low = no fault).
Connect to the output rail (external MOSFET source). Internally used to detect VDS and VGS
9
OUT
Output VoltageSense
conditions.
Connect to the external MOSFET’s gate. A charge-pump driven constant current source (24 µA
typical) charges the GATE pin. An internal zener clamps the GATE pin at typically 16.8V above
10
GATE
Gate drive output
the OUT pin. The
ΔV/Δt of the output voltage can be reduced by connecting a capacitor from the
GATE pin to ground.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM5060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com