Electronic Components Datasheet Search
  English  ▼

X  

LM5060 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM5060
Description  LM5060 High-Side Protection Controller with Low Quiescent Current
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5060 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5060 Datasheet HTML 8Page - Texas Instruments LM5060 Datasheet HTML 9Page - Texas Instruments LM5060 Datasheet HTML 10Page - Texas Instruments LM5060 Datasheet HTML 11Page - Texas Instruments LM5060 Datasheet HTML 12Page - Texas Instruments LM5060 Datasheet HTML 13Page - Texas Instruments LM5060 Datasheet HTML 14Page - Texas Instruments LM5060 Datasheet HTML 15Page - Texas Instruments LM5060 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
EN
VGS Status
nPGD
VTIMER
6 PA
11 PA
VGS
VGATE-TH
transition region
VGS > 5V
VGS < 5V
OFF
ON
VTMRH
VTMRL
OK
Fault
LM5060
SNVS628F – OCTOBER 2009 – REVISED APRIL 2013
www.ti.com
Figure 22. Voltages During Normal Start Up Sequence
Table 1. Overview of Operating Conditions
Input Conditions
Outputs
Status
VIN
OVP
VIN
GATE-
GATE Current
GATE after
nPG
EN
UVLO
SENSE-OUT
Current
TIMER
(typ)
(typ)
OUT
(typ)
TIMER > 2V
D
(typ)
L
L
-
>5.10V
NA
NA
0.009 mA
2.2 mA sink
Low
NA
NA
Disabled
L
H
-
>5.10V
NA
NA
0.009 mA
2.2 mA sink
Low
NA
NA
Disabled
SENSE>OUT
H
H
L
<2V
>5.10V
NA
0.56 mA
2.2 mA sink
Low
NA
Standby
SENSE<OUT
L
SENSE>OUT
H
H
L
>2V
>5.10V
NA
0.56 mA
80 mA sink
Low
NA
Standby
SENSE<OUT
L
SENSE>OUT
6 µA source
80 mA sink
H
H
H
<2V
>5.10V
<5V
1.4 mA
24 µA source
Enabled
SENSE<OUT
Low
NA
L
11 µA
SENSE>OUT
80 mA sink
H
source
H
H
<2V
>5.10V
>5V
1.4 mA
24 µA source
Enabled
SENSE<OUT
Low
NA
L
SENSE>OUT
H
Over
H
H
>2V
>5.10V
NA
1.4 mA
80 mA sink
Low
NA
Voltage
SENSE<OUT
L
2.2 mA sink
Power on
H
H
<2V
<5.10V
NA
NA
1.4 mA
Low
NA
H
(See (1))
reset
(1)
The 2.2 mA sink current is valid for with the VIN pin
≥ 5.1V. When the VIN pin < 5.1V the sink current is lower. See ‘GATE Pin Off
Current vs. VIN’ plot in Typical Performance Characteristics.
GATE CONTROL
A charge pump provides bias voltage above the input and output voltage to enhance the N-Channel MOSFET’s
gate. When the system voltage is initially applied and both EN and UVLO are above their respective thresholds,
the GATE pin is charged by the 24 µA (typical) current source. During normal operating conditions, the GATE pin
voltage is clamped to approximately 16.8V above the OUT pin (i.e. VGS) by an internal zener.
When either the UVLO input or the EN input is low, or when VIN is below the Power-On Reset voltage of 5.10V
(typical), the GATE pin is discharged with a 2.2 mA (typical) current sink.
When the timer capacitor is charged up to the VTMRH threshold (typically 2V) a fault condition is indicated and the
gate of the external N-Channel MOSFET is discharged at a 80 mA (typical) rate . Additionally, when the OVP pin
voltage is higher than the OVPTH threshold (typically 2V) a fault is indicated and the gate of the external N-
Channel MOSFET is discharged at the same 80 mA (typical) rate.
12
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM5060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com