Electronic Components Datasheet Search
  English  ▼

X  

LM5060 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM5060
Description  LM5060 High-Side Protection Controller with Low Quiescent Current
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5060 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5060 Datasheet HTML 17Page - Texas Instruments LM5060 Datasheet HTML 18Page - Texas Instruments LM5060 Datasheet HTML 19Page - Texas Instruments LM5060 Datasheet HTML 20Page - Texas Instruments LM5060 Datasheet HTML 21Page - Texas Instruments LM5060 Datasheet HTML 22Page - Texas Instruments LM5060 Datasheet HTML 23Page - Texas Instruments LM5060 Datasheet HTML 24Page - Texas Instruments LM5060 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
VINMAX = OVPTH +
R8 x OVPTH
R9
VINMIN = UVLOTH +
UVLOTH
R11
R10 x UVLOBIAS +
R8 = R9 x
VINMAX - OVPTH
OVPTH
R10 =
VINMIN - UVLOTH
UVLOTH
R11
UVLOBIAS +
OVP
VIN
LM5060
R10
R8
R9
OVPTH
2.00V
UVLO
UVLOTH
1.60V
UVLOBIAS
5.5 PA
VIN
R11
LM5060
www.ti.com
SNVS628F – OCTOBER 2009 – REVISED APRIL 2013
Figure 30. Programming the Thresholds with Resistors R8-R11
Choose the upper UVLO thresholds to ensure operation down to the lowest required operating input voltage
(VINMIN). Select R11 based on resistive divider current consumption and noise sensitivity. A value less than 100
k
Ω is recommended, with lower values providing improved immunity to variations in ULVOBIAS.
(12)
To calculate the UVLO low threshold including its hysteresis, use (UVLOTH-UVLOHYS) instead of UVLOTH in the
formula above. Choose the lower OVP threshold to ensure operation up to the highest VIN voltage required
(VINMAX). Select R9 based on resistive divider current consumption A value less than 100 kΩ is recommended.
(13)
To calculate the OVP low threshold including hysteresis, use (OVPTH-OVPHYS) instead of OVPTH. Where the R9-
R11 resistor values are known, the threshold voltages are calculated from the following:
(14)
Also in these two formulas, the respective low value including the threshold hysteresis is calculated by using
(UVLOTH-UVLOHYS) instead of UVLOTH and (OVPTH-OVPHYS) instead of OVPTH. The worst case thresholds, over
the operating temperature range, can be calculated using the respective minimum and maximum values in bold
font in the Electrical Characteristics.
Option C: The OVP function can be disabled by grounding the OVP pin. The UVLO thresholds are set as
described in Figure 30.
POWER GOOD INDICATOR
A resistor between a supply voltage and the nPGD pin limits the current into the nPGD pin in a logic low
condition. A nPGD pin sink current in the range of 1 mA to 5 mA is recommended. The example in Figure 31
connects the nPGD pull-up resistor R4 to the VIN pin. Any positive supply voltage less than 65V may be used
instead of VIN.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM5060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com