Electronic Components Datasheet Search
  English  ▼

X  

AD607ARSZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD607ARSZ
Description  Low Power Mixer 3 V Receiver IF Subsystem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD607ARSZ Datasheet(HTML) 1 Page - Analog Devices

  AD607ARSZ Datasheet HTML 1Page - Analog Devices AD607ARSZ Datasheet HTML 2Page - Analog Devices AD607ARSZ Datasheet HTML 3Page - Analog Devices AD607ARSZ Datasheet HTML 4Page - Analog Devices AD607ARSZ Datasheet HTML 5Page - Analog Devices AD607ARSZ Datasheet HTML 6Page - Analog Devices AD607ARSZ Datasheet HTML 7Page - Analog Devices AD607ARSZ Datasheet HTML 8Page - Analog Devices AD607ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
Low Power Mixer
3 V Receiver IF Subsystem
AD607
FEATURES
Complete Receiver-on-a-Chip: Monoceiver® Mixer
–15 dBm 1 dB Compression Point
–8 dBm Input Third Order Intercept
500 MHz RF and LO Bandwidths
Linear IF Amplifier
Linear-in-dB Gain Control
Manual Gain Control
Quadrature Demodulator
On-Board Phase-Locked Quadrature Oscillator
Demodulates IFs from 400 kHz to 12 MHz
Can Also Demodulate AM, CW, SSB
Low Power
25 mW at 3 V
CMOS Compatible Power-Down
Interfaces to AD7013 and AD7015 Baseband Converters
APPLICATIONS
GSM, CDMA, TDMA, and TETRA Receivers
Satellite Terminals
Battery-Powered Communications Receivers
PIN CONFIGURATION
20-Lead SSOP
(RS Suffix)
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD607
FDIN
QOUT
IOUT
FLTR
VPS1
COM1
PRUP
LOIP
IFOP
DMIP
VPS2
RFLO
RFHI
GREF
MXOP
VMID
IFHI
IFLO
GAIN
COM2
GENERAL DESCRIPTION
The AD607 is a 3 V low power receiver IF subsystem for opera-
tion at input frequencies as high as 500 MHz and IFs from
400 kHz to 12 MHz. It consists of a mixer, IF amplifiers, I and
Q demodulators, a phase-locked quadrature oscillator, and a
biasing system with external power-down.
The AD607’s low noise, high intercept mixer is a doubly
balanced Gilbert cell type. It has a nominal –15 dBm input
referred 1 dB compression point and a –8 dBm input referred
third order intercept. The mixer section of the AD607 also
includes a local oscillator (LO) preamplifier, which lowers the
required LO drive to –16 dBm.
In MGC operation, the AD607 accepts an external gain-control
voltage input from an external AGC detector or a DAC.
The I and Q demodulators provide in-phase and quadrature
baseband outputs to interface with Analog Devices’ AD7013
(IS54, TETRA, MSAT) and AD7015 (GSM) baseband con-
verters. A quadrature VCO phase-locked to the IF drives the I
and Q demodulators. The I and Q demodulators can also
demodulate AM; when the AD607’s quadrature VCO is phase-
locked to the received signal, the in-phase demodulator becomes
a synchronous product detector for AM. The VCO can also be
phase-locked to an external beat-frequency oscillator (BFO),
and the demodulator serves as a product detector for CW or
SSB reception. Finally, the AD607 can be used to demodulate
BPSK using an external Costas Loop for carrier recovery.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Monoceiver is a registered trademark of Analog Devices, Inc.


Similar Part No. - AD607ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD607ARS AD-AD607ARS Datasheet
510Kb / 24P
Low Power Mixer/AGC/RSSI 3 V Receiver IF Subsystem
More results

Similar Description - AD607ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD607 AD-AD607 Datasheet
510Kb / 24P
Low Power Mixer/AGC/RSSI 3 V Receiver IF Subsystem
AD608 AD-AD608 Datasheet
196Kb / 12P
Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
AD6458 AD-AD6458 Datasheet
268Kb / 12P
GSM 3 V Receiver IF Subsystem
AD6459 AD-AD6459 Datasheet
314Kb / 12P
GSM 3 V Receiver IF Subsystem
AD61009 AD-AD61009 Datasheet
261Kb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV.0
AD608ARZ AD-AD608ARZ Datasheet
326Kb / 16P
Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
AD607 AD-AD607_15 Datasheet
1Mb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD608 AD-AD608_15 Datasheet
326Kb / 16P
Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD6676 AD-AD6676 Datasheet
2Mb / 90P
Wideband IF Receiver Subsystem
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com