Electronic Components Datasheet Search
  English  ▼

X  

AD607ARSZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD607ARSZ
Description  Low Power Mixer 3 V Receiver IF Subsystem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD607ARSZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD607ARSZ Datasheet HTML 6Page - Analog Devices AD607ARSZ Datasheet HTML 7Page - Analog Devices AD607ARSZ Datasheet HTML 8Page - Analog Devices AD607ARSZ Datasheet HTML 9Page - Analog Devices AD607ARSZ Datasheet HTML 10Page - Analog Devices AD607ARSZ Datasheet HTML 11Page - Analog Devices AD607ARSZ Datasheet HTML 12Page - Analog Devices AD607ARSZ Datasheet HTML 13Page - Analog Devices AD607ARSZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
REV. C
–10–
AD607
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
AD607
FDIN
QOUT
IOUT
FLTR
VPS1
COM1
PRUP
LOIP
IFOP
DMIP
VPS2
RFLO
RFHI
GREF
MXOP
VMID
IFHI
IFLO
GAIN
COM2
0.1 F
C13
C15
0.1 F
IOUT
*
QOUT
*
IFOP
*
GAIN
*
DMIP
*
0.1 F
C1
C3
10nF
R1
1k
R2
316
C6
0.1 F
C8
0.1 F
C5
1nF
4.99k
R10
R8
51.1
C11
10nF
R7
51.1
C10
1nF
R6
51.1
C9
1nF
R14
54.9
R13
301
R5
332
0.1 F
VPOS
GND
FDIN
PRUP
LOIP
RFHI
MXOP
*
IFHI
0
R12
C16
1nF
C7
1nF
0.1 F
C2
*CONNECTIONS ARE DC-COUPLED.
R9
51.1
Figure 12. Characterization Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com