Electronic Components Datasheet Search
  English  ▼

X  

AD607ARSZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD607ARSZ
Description  Low Power Mixer 3 V Receiver IF Subsystem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD607ARSZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD607ARSZ Datasheet HTML 14Page - Analog Devices AD607ARSZ Datasheet HTML 15Page - Analog Devices AD607ARSZ Datasheet HTML 16Page - Analog Devices AD607ARSZ Datasheet HTML 17Page - Analog Devices AD607ARSZ Datasheet HTML 18Page - Analog Devices AD607ARSZ Datasheet HTML 19Page - Analog Devices AD607ARSZ Datasheet HTML 20Page - Analog Devices AD607ARSZ Datasheet HTML 21Page - Analog Devices AD607ARSZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
REV. C
–18–
AD607
Bias System
The AD607 operates from a single supply, VP, usually of 3 V, at
a typical supply current of 8.5 mA at midgain and T = 27
°C,
corresponding to a power consumption of 25 mW. Any voltage
from 2.92 V to 5.5 V may be used.
The bias system includes a fast-acting active-high CMOS-
compatible power-up switch, allowing the part to idle at 550
µA
when disabled. Biasing is proportional-to-absolute temperature
(PTAT) to ensure stable gain with temperature.
An independent regulator generates a voltage at the midpoint
of the supply (VP/2) that appears at the VMID pin at a low
impedance. This voltage does not shut down, ensuring that the
major signal interfaces (e.g., mixer-to-IF and IF-to-demodulators)
remain biased at all times, thus minimizing transient disturbances
at power-up and allowing the use of substantial decoupling
capacitors on this node. The quiescent consumption of this
regulator is included in the idling current.
AD607
FDIN
50k
50k
VPOS
EXTERNAL
FREQUENCY
REFERENCE
a. Biasing FDIN from Supply when Using
External Frequency Reference
AD607
FDIN
50k
CBYPASS
EXTERNAL
FREQUENCY
REFERENCE
VMID
b. Biasing FDIN from VMID when Using
External Frequency Reference
Figure 21. Suggested Methods for Biasing Pin FDIN at VP/2
USING THE AD607
In this section, we will focus on a few areas of special impor-
tance and include a few general application tips. As is true of
any wideband high gain component, great care is needed in PC
board layout. The location of the particular grounding points
must be considered with due regard to the possibility of unwanted
signal coupling, particularly from IFOP to RFHI or IFHI or both.
The high sensitivity of the AD607 leads to the possibility that
unwanted local EM signals may have an effect on the perfor-
mance. During system development, carefully-shielded test
assemblies should be used. The best solution is to use a fully-
enclosed box enclosing all components, with the minimum
number of needed signal connectors (RF, LO, I, and Q outputs)
in miniature coax form.
The I and Q output leads can include small series resistors
(about 100
Ω) inside the shielded box without significant loss
of performance, provided the external loading during testing
is light (that is, a resistive load of more than 20 k
Ω and capaci-
tances of a few picofarads). These help to keep unwanted RF
emanations out of the interior.
The power supply should be connected via a through-hole
capacitor with a ferrite bead on both inside and outside leads.
Close to the IC pins, two capacitors of different value should be
used to decouple the main supply (VP) and the midpoint supply
pin, VMID. Guidance on these matters is also generally included
in applications schematics.
Gain Distribution
As in all receivers, the most critical decisions in effectively using
the AD607 relate to the partitioning of gain between the various
subsections (Mixer, IF Amplifier, Demodulators) and the place-
ment of filters so as to achieve the highest overall signal-to-noise
ratio and lowest intermodulation distortion.
Figure 22 shows the main RF/IF signal path at maximum and
minimum signal levels.
IOUT
QOUT
I
Q
RFHI
LOIP
MXOP
IFHI
DMIP
IFOP
IF BPF
IF BPF
(VMID)
330
330
(TYPICAL
IMPEDANCE)
(LOCATION OF OPTIONAL
SECOND IF FILTER)
CONSTANT
–16dBm
( 50mV)
54mV
MAX INPUT
1.3V
MAX OUTPUT
54mV
MAX INPUT
560mV
MAX OUTPUT
154mV
MAX INPUT
1.23V
MAX OUTPUT
Figure 22. Signal Levels for Minimum and Maximum Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com