Electronic Components Datasheet Search
  English  ▼

X  

AD607ARSZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD607ARSZ
Description  Low Power Mixer 3 V Receiver IF Subsystem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD607ARSZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD607ARSZ Datasheet HTML 12Page - Analog Devices AD607ARSZ Datasheet HTML 13Page - Analog Devices AD607ARSZ Datasheet HTML 14Page - Analog Devices AD607ARSZ Datasheet HTML 15Page - Analog Devices AD607ARSZ Datasheet HTML 16Page - Analog Devices AD607ARSZ Datasheet HTML 17Page - Analog Devices AD607ARSZ Datasheet HTML 18Page - Analog Devices AD607ARSZ Datasheet HTML 19Page - Analog Devices AD607ARSZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
REV. C
–16–
AD607
The IF’s small-signal bandwidth is approximately 45 MHz from
IFHI and IFLO through IFOP. The peak output at IFOP is
± 560 mV at V
P = 3 V and
± 400 mV at the minimum V
P of
2.92 V. This allows some headroom at the demodulator inputs
(Pin DMIP), which accept a maximum input of
±150 mV for
IFs > 3 MHz and
±75 mV for IFs ≤ 3 MHz (at IFs ≤ 3 MHz,
the drive to the demodulators must be reduced to avoid saturat-
ing the output amplifiers with higher order mixing products that
are no longer removed by the on-board low pass filters).
Since there is no band-limiting in the IF strip, the output-
referred noise can be quite high; in a typical application and
at a gain of 75 dB, it is about 100 mV rms, making post-IF filtering
desirable. IFOP may be also used as an IF output for driving
an A/D converter, external demodulator, or external AGC
detector. Figure 17 shows methods of matching the optional
second IF filter.
AD607
BPF
IFOP
DMIP
RT
2RT
2RT
VPOS
a. Biasing DMIP from Power Supply (Assumes BPF
AC-Coupled Internally)
AD607
BPF
IFOP
DMIP
RT
VMID
RT
CBYPASS
b. Biasing DMIP from VMID (Assumes BPF AC-Coupled
Internally)
Figure 17. Input and Output Matching of the Optional
Second IF Filter
Gain Scaling and RSSI
The AD607’s overall gain, expressed in decibels, is linear-in-dB
with respect to the AGC voltage VG at Pin GAIN. The gain of
all sections is maximum when VG is zero, and reduces progres-
sively up to VG = 2.2 V (for VP = 3 V; in general, up to a limit
VP – 0.8 V). The gain of all stages changes in parallel. The AD607
features temperature compensation of the gain scaling. The gain
control scaling is proportional to the reference voltage applied to
the Pin GREF. When this pin is tied to the midpoint of the
supply (VMID), the scale is nominally 20 mV/dB (50 dB/V) for
VP = 3 V. Under these conditions, the lower 80 dB of gain range
(mixer plus IF) corresponds to a control voltage of 0.4 V
≤
VG
≤ 2.0 V. The final centering of this 1.6 V range depends on
the insertion losses of the IF filters used. More generally, the gain
scaling using these connections is VP/150 (volts per dB), so scale
becomes 33.3 mV/dB (30 dB/V) using a 5 V supply, with a
proportional change in the AGC range, to 0.33 V
≤ VG ≤ 3 V.
Table II lists gain control voltages and scale factors for power
supply voltages from 2.92 V to 5.5 V
Alternatively, Pin GREF can be tied to an external voltage
reference (VR) from, for example, an AD1582 (2.5 V) or
AD1580 (1.21 V) voltage reference, to provide supply-
independent gain scaling of VR/75 (volts per dB). When using
the Analog Devices’ AD7013 and AD7015 baseband converters,
the external reference may also be provided by the reference
output of the baseband converter (Figure 18). For example, the
AD7015 baseband converter provides a VR of 1.23 V; when
connected to GREF, the gain scaling is 16.4 mV/dB (60 dB/V).
An auxiliary DAC in the AD7015 can be used to generate the
MGC voltage. Since it uses the same reference voltage, the
numerical input to this DAC provides an accurate RSSI value
in digital form, no longer requiring the reference voltage to have
high absolute accuracy.
AD607
IOUT
R
QOUT
R
C
C
VMID
GREF
10nF
GAIN
1nF
AD7013 OR
AD7015
IADC
QADC
IADC
QADC
REFOUT
BYPASS
(AD7015)
(AD7013)
AUX DAC
Figure 18. Interfacing the AD607 to the AD7013 or AD7015
Baseband Converters
I/Q Demodulators
Both demodulators (I and Q) receive their inputs at Pin DMIP.
Internally, this single-sided input is actually differential; the
noninverting input is referenced to Pin VMID. Each demodula-
tor comprises a full-wave synchronous detector followed by a
2 MHz, two-pole low-pass filter, producing single-sided outputs
at pins IOUT and QOUT. Using the I and Q demodulators for
IFs above 12 MHz is precluded by the 400 kHz to 12 MHz
response of the PLL used in the demodulator section. Pin DMIP
requires an external bias source at VP/2; Figure 19 shows
suggested methods.
Outputs IOUT and QOUT are centered at VP/2 and can swing
up to
±1.23 V even at the low supply voltage of 2.92 V. They can
therefore directly drive the RX ADCs in the AD7015 baseband
converter, which require an amplitude of 1.23 V to fully load
them when driven by a single-sided signal. The conversion gain of
the I and Q demodulators is 18 dB (X8), requiring a maxi-
mum input amplitude at DMIP of
±150 mV for IFs > 3 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com