Electronic Components Datasheet Search
  English  ▼

X  

AD607ARSZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD607ARSZ
Description  Low Power Mixer 3 V Receiver IF Subsystem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD607ARSZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD607ARSZ Datasheet HTML 10Page - Analog Devices AD607ARSZ Datasheet HTML 11Page - Analog Devices AD607ARSZ Datasheet HTML 12Page - Analog Devices AD607ARSZ Datasheet HTML 13Page - Analog Devices AD607ARSZ Datasheet HTML 14Page - Analog Devices AD607ARSZ Datasheet HTML 15Page - Analog Devices AD607ARSZ Datasheet HTML 16Page - Analog Devices AD607ARSZ Datasheet HTML 17Page - Analog Devices AD607ARSZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
REV. C
–14–
AD607
PRODUCT OVERVIEW
The AD607 provides most of the active circuitry required to
realize a complete low power, single-conversion superhetero-
dyne receiver, or most of a double-conversion receiver, at input
frequencies up to 500 MHz, and an IF from 400 kHz to 12 MHz.
The internal I/Q demodulators and their associated phase-
locked loop, which can provide carrier recovery from the IF,
support a wide variety of modulation modes, including
n-PSK, n-QAM, and AM. A single positive supply voltage of 3 V
is required (2.92 V minimum, 5.5 V maximum) at a typical
supply current of 8.5 mA at midgain. In the following discus-
sion, VP will be used to denote the power supply voltage, which
will be assumed to be 3 V.
Figure 13 shows the main sections of the AD607. It consists of a
variable gain UHF mixer and linear four-stage IF strip, which
together provide a voltage controlled gain range of more than
90 dB; dual demodulators, each comprising a multiplier fol-
lowed by a two-pole, 2 MHz low-pass filter; and a phase-locked
loop providing the inphase and quadrature clocks. A biasing
system with CMOS compatible power-down completes the
AD607.
Mixer
The UHF mixer is an improved Gilbert cell design, and can
operate from low frequencies (it is internally dc-coupled) up to
an RF input of 500 MHz. The dynamic range at the input of the
mixer is determined at the upper end by the maximum input
signal level of
±56 mV between RFHI and RFLO up to which the
mixer remains linear, and at the lower end by the noise level. It is
customary to define the linearity of a mixer in terms of the 1 dB
gain-compression point and third order intercept, which for the
AD607 are –15 dBm and –8 dBm, respectively, in a 50
Ω system.
RFHI
RFLO
IFLO
BPF
LOIP
MXOP
MIDPOINT
BIAS
GENERATOR
VMID
IFHI
BIAS
GENERATOR
VPS1
VPS2
PRUP
COM1
COM2
VMID
PTAT
VOLTAGE
IFOP
BPF OR
LPF
DMIP
IOUT
FDIN
FLTR
QOUT
GAIN
AD607
GREF
VQFO
Figure 13. Functional Block Diagram
40.2127ms
40.2377ms
40.2627ms
TRIGGER ON EXTERNAL AT POS. EDGE AT 40.0mV
TIMEBASE
MEMORY 1
TIMEBASE
MEMORY 2
TIMEBASE
DELTA T
START
= 500 s/DIV
= 100.0mV/DIV
= 5.00 s/DIV
= 60.00mV/DIV
= 5.00 s/DIV
= 15.7990 s
= 40.2327ms
DELAY
OFFSET
DELAY
OFFSET
DELAY
STOP
= 40.2377ms
= 154.0mV
= 40.2377ms
= 209.0mV
= 40.2377ms
= 40.2485ms
TPC 18. Power-Up Response Time to PLL Stable
0
GAIN VOLTAGE – V
5
0.5
1.5
2
10
1
15
2.5
TPC 19. Power Supply Current vs. Gain Control Voltage,
GREF = 1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com