Electronic Components Datasheet Search
  English  ▼

X  

AD607ARSZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD607ARSZ
Description  Low Power Mixer 3 V Receiver IF Subsystem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD607ARSZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD607ARSZ Datasheet HTML 8Page - Analog Devices AD607ARSZ Datasheet HTML 9Page - Analog Devices AD607ARSZ Datasheet HTML 10Page - Analog Devices AD607ARSZ Datasheet HTML 11Page - Analog Devices AD607ARSZ Datasheet HTML 12Page - Analog Devices AD607ARSZ Datasheet HTML 13Page - Analog Devices AD607ARSZ Datasheet HTML 14Page - Analog Devices AD607ARSZ Datasheet HTML 15Page - Analog Devices AD607ARSZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
REV. C
–12–
AD607
70
50
100
0.1
60
30
40
10
20
INTERMEDIATE FREQUENCY – MHz
0
–10
110
VGAIN = 0.3V
VGAIN = 0.6V
VGAIN = 1.8V
VGAIN = 1.2V
VGAIN = 2.4V
80
TPC 7. IF Amplifier Gain vs. Frequency,
T = 25
°C, VPOS = 3 V, VREF = 1.5 V
8
4
3
0
6
0
2
–4
–2
GAIN VOLTAGE – V
–6
–10
12
10
–8
0.2 0.4 0.6 0.8
1.2 1.4 1.6 1.8
2.2 2.4 2.6 2.8
IF AMP
MIXER
TPC 8. Gain Error vs. Gain Control Voltage,
Representative Part
996.200 s
1.00870ms
1.02120ms
TRIGGER ON EXTERNAL AT POS. EDGE AT 134.0mV
TIMEBASE
MEMORY 1
TIMEBASE
MEMORY 2
TIMEBASE
DELTA T
START
= 2.5 s/DIV
= 100.0mV/DIV
= 2.50 s/DIV
= 20.00mV/DIV
= 2.50 s/DIV
= 16.5199 s
= 1.00048ms
DELAY
OFFSET
DELAY
OFFSET
DELAY
STOP
= 1.00870ms
= 127.3mV
= 1.00870ms
= 155.2mV
= 1.00870ms
= 1.01700ms
TPC 9. PLL Acquisition Time
1.00E+07
1.00E+02
–110.00
–100.00
–130.00
–120.00
CARRIER FREQUENCY OFFSET, f(fm) – Hz
–140.00
–150.00
1.00E+03
1.00E+05
–90.00
1.00E+04
1.00E+06
TPC 10. PLL Phase Noise L (F) vs. Frequency,
VPOS = 3 V, C3 = 0.1
µF, IF = 10.7 MHz
100
0.1
2
PLL FREQUENCY – MHz
1.5
110
2.5
TPC 11. PLL Loop Voltage at FLTR (KVCO) vs. Frequency
8
5
94
85
7
3
4
1
2
QUADRATURE ANGLE – Degrees
0
91
86
87
88
89
90
92
93
6
95
TPC 12. Demodulator Quadrature Angle, Histogram,
T = 25
°C, VPOS = 3 V, IF = 10.7 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com