Electronic Components Datasheet Search
  English  ▼

X  

AD607ARSZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD607ARSZ
Description  Low Power Mixer 3 V Receiver IF Subsystem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD607ARSZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD607ARSZ Datasheet HTML 16Page - Analog Devices AD607ARSZ Datasheet HTML 17Page - Analog Devices AD607ARSZ Datasheet HTML 18Page - Analog Devices AD607ARSZ Datasheet HTML 19Page - Analog Devices AD607ARSZ Datasheet HTML 20Page - Analog Devices AD607ARSZ Datasheet HTML 21Page - Analog Devices AD607ARSZ Datasheet HTML 22Page - Analog Devices AD607ARSZ Datasheet HTML 23Page - Analog Devices AD607ARSZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
REV. C
–20–
AD607
VPS1
AD607
C12
0.1 F
C5
1nF
C6
0.1 F
C8
0.1 F
GAIN
IF
Q
I
C1
0.1 F
C3 10nF
R1
1k
C2 0.1 F
C4
47pF
R2
316
C15
0.1 F
JUMPER
JUMPER
C16 1nF
R10
4.99k
R11
OPEN
C11
10nF
R8
51.1
C13 0
C14 0
R7
51.1
R6
51.1
C10
1nF
C9
1nF
R5
332
R3
332
R4
OPEN
C7
1nF
VPOS
GND
FDIN
PRUP
LO
RF
R13
50k
R15
50k
VPOS
FDIN
R12
OPEN
VMID
C17
10nF
C18
SHORT
R14
51.1
FDIN
MOD FOR LARGE MAGNITUDE
AC-COUPLED INPUT
AD607 EVALUATION BOARD
(AS RECEIVED)
R18
OPEN
R17
OPEN
VPOS
FDIN
R16
OPEN
VMID
C20
SHORT
C19
ANYTHING
R19
RSOURCE
FDIN
MOD FOR DC-COUPLED INPUT
FDIN
COM1
PRUP
LOIP
RFLO
RFHI
GREF
MXOP
VMID
IFHI
FLTR
IOUT
QOUT
VPS2
DMIP
IFOP
COM2
GAIN
IFLO
C17
1.5nF
R12
4.7k
Figure 26. Evaluation Board
Figure 27a. Evaluation Board Layout, Topside



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com