Electronic Components Datasheet Search
  English  ▼

X  

CC1100ERGPR Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # CC1100ERGPR
Description  Low-Power Sub-GHz RF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1100ERGPR Datasheet(HTML) 49 Page - Texas Instruments

Back Button CC1100ERGPR Datasheet HTML 45Page - Texas Instruments CC1100ERGPR Datasheet HTML 46Page - Texas Instruments CC1100ERGPR Datasheet HTML 47Page - Texas Instruments CC1100ERGPR Datasheet HTML 48Page - Texas Instruments CC1100ERGPR Datasheet HTML 49Page - Texas Instruments CC1100ERGPR Datasheet HTML 50Page - Texas Instruments CC1100ERGPR Datasheet HTML 51Page - Texas Instruments CC1100ERGPR Datasheet HTML 52Page - Texas Instruments CC1100ERGPR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 97 page
background image
CC1100E
SWRS082
Page 49 of 92
RC oscillator calibration is turned off, it will
have to be manually turned on again if the
temperature
and/or
the
supply
voltage
changes. Refer to Application Note AN047 [7]
for further details.
19.6 Timing
The radio controller controls most of the timing
in the
CC1100E, such as synthesizer calibration,
PLL lock time, and RX/TX turnaround times.
Timing from IDLE to RX and IDLE to TX is
constant, dependent on the auto calibration
setting. RX/TX and TX/RX turnaround times
are constant. The calibration time is constant
18739 clock periods. Table 32 shows timing in
crystal clock cycles for key state transitions.
Power on time and XOSC start-up times are
variable, but within the limits stated in Table
11.
Note that in a frequency hopping spread
spectrum or a multi-channel protocol the
calibration time can be reduced from 721 µs to
approximately 150 µs. This is explained in
Section 28.2.
Description
XOSC
Periods
26 MHz
Crystal
IDLE to RX, no calibration
2298
88.4
μs
IDLE to RX, with calibration
~21037
809
μs
IDLE to TX/FSTXON, no
calibration
2298
88.4
μs
IDLE to TX/FSTXON, with
calibration
~21037
809
μs
TX to RX switch
560
21.5
μs
RX to TX switch
250
9.6
μs
RX or TX to IDLE, no calibration
2
0.1
μs
RX or TX to IDLE, with calibration
~18739
721
μs
Manual calibration
~18739
721
μs
Table 32: State Transition Timing
19.7 RX Termination Timer
The
CC1100E has optional functions for
automatic
termination
of
RX
after
a
programmable time. The main use for this
functionality is Wake on Radio, but it may also
be
useful
for
other
applications.
The
termination timer starts when in RX state. The
timeout
is
programmable
with
the
MCSM2.RX_TIME
setting. When the timer
expires, the radio controller will check the
condition for staying in RX; if the condition is
not met, RX will terminate.
The programmable conditions are:
MCSM2.RX_TIME_QUAL=0
:
Continue
receive if sync word has been found
MCSM2.RX_TIME_QUAL=1
:
Continue
receive if sync word has been found, or if
the preamble quality is above threshold
(PQT)
If the system expects the transmission to have
started
when
enabling
the
receiver,
the
MCSM2.RX_TIME_RSSI
function can be used.
The radio controller will then terminate RX if
the first valid carrier sense sample indicates
no carrier (RSSI below threshold). See Section
17.4 on page 41 for details on Carrier Sense.
For ASK/OOK modulation, lack of carrier
sense is only considered valid after eight
symbol
periods.
Thus,
the
MCSM2.RX_TIME_RSSI
function can be used
in ASK/OOK mode when the distance between
“1” symbols is eight or less.
If RX terminates due to no carrier sense when
the MCSM2.RX_TIME_RSSI function is used,
or if no sync word was found when using the
MCSM2.RX_TIME
timeout function, the chip
will always go back to IDLE if WOR is disabled
and back to SLEEP if WOR is enabled.
Otherwise, the MCSM1.RXOFF_MODE setting
determines the state to go to when RX ends.
This means that the chip will not automatically
go back to SLEEP once a sync word has been
received. It is therefore recommended to
always wake up the microcontroller on sync
word detection when using WOR mode. This
can be done by selecting output signal 6 (see
Table
36
on
page
55)
on
one
of
the
programmable
GDO
output
pins,
and
programming the microcontroller to wake up
on an edge-triggered interrupt from this GDO
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com