Electronic Components Datasheet Search
  English  ▼

X  

CC1100ERGPR Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # CC1100ERGPR
Description  Low-Power Sub-GHz RF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1100ERGPR Datasheet(HTML) 59 Page - Texas Instruments

Back Button CC1100ERGPR Datasheet HTML 55Page - Texas Instruments CC1100ERGPR Datasheet HTML 56Page - Texas Instruments CC1100ERGPR Datasheet HTML 57Page - Texas Instruments CC1100ERGPR Datasheet HTML 58Page - Texas Instruments CC1100ERGPR Datasheet HTML 59Page - Texas Instruments CC1100ERGPR Datasheet HTML 60Page - Texas Instruments CC1100ERGPR Datasheet HTML 61Page - Texas Instruments CC1100ERGPR Datasheet HTML 62Page - Texas Instruments CC1100ERGPR Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 97 page
background image
CC1100E
SWRS082
Page 59 of 92
28.5
Low Cost Systems
As the
CC1100E provides 1.2 - 500 kBaud multi-
channel performance without any external
SAW or loop filters, a very low cost system
can be made.
A HC-49 type SMD crystal is used in the
CC1100E EM reference designs ([3] and 0).
The crystal package strongly influences the
price. In a size constrained PCB design, a
smaller, but more expensive, crystal may be
used.
28.6
Battery Operated Systems
In low power applications, the SLEEP state
with the crystal oscillator core switched off
should be used when the
CC1100E
is not
active. It is possible to leave the crystal
oscillator core running in the SLEEP state if
start-up time is critical. The WOR functionality
should be used in low power applications.
28.7
Increasing Output Power
In some applications it may be necessary to
extend the link range. Adding an external
power amplifier is the most effective way of
doing this. The power amplifier should be
inserted between the antenna and the balun
and matching circuit. Two T/R switches are
needed to disconnect the PA in RX mode, see
details in Figure 28.
Figure 28: Block Diagram of the
CC1100E Usage with External Power Amplifier
29 Configuration Registers
The configuration of the
CC1100E is done by
programming 8-bit registers. The optimum
configuration data based on selected system
parameters are most easily found by using the
SmartRF
Studio
software
[8].
Complete
descriptions of the registers are given in the
following tables. After chip reset, all the
registers have default values as shown in the
tables. The optimum register setting might
differ from the default value. After a reset, all
registers that shall be different from the default
value therefore needs to be programmed
through the SPI interface.
There are 13 command strobe registers, listed
in Table 38. Accessing these registers will
initiate the change of an internal state or
mode. There are 47 normal 8-bit configuration
registers listed in Table 39. Many of these
registers are for test purposes only, and need
not be written for normal operation of the
CC1100E.
There are also 12 status registers that are
listed in Table 40. These registers, which are
read-only, contain information about the status
of the
CC1100E.
The two FIFOs are accessed through one 8-bit
register. Write operations write to the TX FIFO,
while read operations read from the RX FIFO.
During the header byte transfer and while
writing data to a register or the TX FIFO, a
status byte is returned on the SO line. This
status byte is described in Table 21 on page
27.
CC1100E
Balun
and
Matching
Filter
Antenna
T/R
switch
T/R
switch
PA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com